Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1430459 Datasheet (PDF) - PHOENIX CONTACT

1430459 Datasheet PDF - PHOENIX CONTACT
Part # 1430459
Download  1430459 Download
File Size   1644.83 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MS-12CON-PG9/0,5 SCO - Device connector, rear mounting

1430459 Datasheet (PDF)

Go To PDF Page Download Datasheet
1430459 Datasheet PDF - PHOENIX CONTACT

Part # 1430459
Download  1430459 Click to download

File Size   1644.83 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MS-12CON-PG9/0,5 SCO - Device connector, rear mounting

1430459 Datasheet (HTML) - PHOENIX CONTACT


1430459 Product details

Device connector, rear mounting, Universal, 12-position, Flush-type male connector, straight,
M12-SPEEDCON, coding: A , on free cable end, Rear mounting, Pg9, Individual wires, cable
length: 0.5 m, 0.14 mm2, TPE litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1239600

Your advantages
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1430459

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1430450 CANDD-1430450 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
Murata Manufacturing Co...
1430450C MURATA-1430450C Datasheet
497Kb / 2P
Bobbin Type Inductors
1430450C MURATA-1430450C Datasheet
110Kb / 2P
Bobbin Type Inductors
logo
Murata Power Solutions ...
1430450C MURATA-PS-1430450C Datasheet
340Kb / 2P
Bobbin Type Inductors
More results


Similar Description - 1430459

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1559932 PHOENIX-1559932 Datasheet
572Kb / 12P
SACC-DSI-MS-12CON-L180 SCO - Device connector, rear mounting
1559945 PHOENIX-1559945 Datasheet
547Kb / 11P
SACC-DSI-MS-12CON-M12 SCO - Device connector, rear mounting
1430446 PHOENIX-1430446 Datasheet
1Mb / 13P
SACC-DSI-FS-12CON-PG9/0,5 SCO - Device connector, rear mounting
1430462 PHOENIX-1430462 Datasheet
1Mb / 12P
SACC-DSI-FS-17CON-PG9/0,5 SCO - Device connector, rear mounting
1430475 PHOENIX-1430475 Datasheet
1Mb / 12P
SACC-DSI-MS-17CON-PG9/0,5 SCO - Device connector, rear mounting
1436783 PHOENIX-1436783 Datasheet
575Kb / 12P
SACC-DSI-MS-12CON-L180 SCO SH - Device connector, rear mounting
1437106 PHOENIX-1437106 Datasheet
549Kb / 11P
SACC-DSI-MS-12CON-M12 SCO SH - Device connector, rear mounting
1437122 PHOENIX-1437122 Datasheet
525Kb / 13P
SACC-DSI-MS-12CON-M12/0,5 SCO - Device connector, rear mounting
1437135 PHOENIX-1437135 Datasheet
512Kb / 11P
SACC-DSI-MS-17CON-M12/0,5 SCO - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com