Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1430446 Datasheet (PDF) - PHOENIX CONTACT

1430446 Datasheet PDF - PHOENIX CONTACT
Part # 1430446
Download  1430446 Download
File Size   1658.58 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-FS-12CON-PG9/0,5 SCO - Device connector, rear mounting

1430446 Datasheet (PDF)

Go To PDF Page Download Datasheet
1430446 Datasheet PDF - PHOENIX CONTACT

Part # 1430446
Download  1430446 Click to download

File Size   1658.58 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-FS-12CON-PG9/0,5 SCO - Device connector, rear mounting

1430446 Datasheet (HTML) - PHOENIX CONTACT


1430446 Product details

Device connector, rear mounting, Universal, 12-position, Flush-type female connector, straight,
M12-SPEEDCON, coding: A , on free cable end, Rear mounting, Pg9, Individual wires, cable
length: 0.5 m, 0.14 mm2, TPE litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1239599

Your advantages
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1430446

ManufacturerPart #DatasheetDescription
logo
Heyco.
14304 HEYCO-14304 Datasheet
183Kb / 1P
Latches and Strikers
logo
PHOENIX CONTACT
1430417 PHOENIX-1430417 Datasheet
462Kb / 14P
SACC-M12MRB-5CON-PG 9-SH - Data connector
1430420 PHOENIX-1430420 Datasheet
1Mb / 14P
SACC-M12FRB-5CON-PG 9-SH - Data connector
logo
C&D Technologies
1430430 CANDD-1430430 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
Murata Manufacturing Co...
1430430C MURATA-1430430C Datasheet
497Kb / 2P
Bobbin Type Inductors
More results


Similar Description - 1430446

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1547931 PHOENIX-1547931 Datasheet
2Mb / 13P
SACC-DSI-FS-5CON-PG9/0,5 SCODC - Device connector, rear mounting
1559929 PHOENIX-1559929 Datasheet
568Kb / 12P
SACC-DSI-FS-12CON-L180 SCO - Device connector, rear mounting
1559932 PHOENIX-1559932 Datasheet
572Kb / 12P
SACC-DSI-MS-12CON-L180 SCO - Device connector, rear mounting
1430459 PHOENIX-1430459 Datasheet
1Mb / 12P
SACC-DSI-MS-12CON-PG9/0,5 SCO - Device connector, rear mounting
1430462 PHOENIX-1430462 Datasheet
1Mb / 12P
SACC-DSI-FS-17CON-PG9/0,5 SCO - Device connector, rear mounting
1430475 PHOENIX-1430475 Datasheet
1Mb / 12P
SACC-DSI-MS-17CON-PG9/0,5 SCO - Device connector, rear mounting
1436770 PHOENIX-1436770 Datasheet
567Kb / 12P
SACC-DSI-FS-12CON-L180 SCO SH - Device connector, rear mounting
1437122 PHOENIX-1437122 Datasheet
525Kb / 13P
SACC-DSI-MS-12CON-M12/0,5 SCO - Device connector, rear mounting
1542729 PHOENIX-1542729 Datasheet
2Mb / 14P
SACC-DSI-FS-5CON-PG 9/0,5 SCO - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com