Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV74 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV74 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV74
Download  74LV74 Download
File Size   251.4 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive-edge trigger

74LV74 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV74 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV74
Download  74LV74 Click to download

File Size   251.4 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive-edge trigger

74LV74 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV74 Product details

1. General description
The 74LV74 is a dual positive edge triggered D-type flip-flop with individual data (nD), clock (nCP),
set (nSD) and reset (nRD) inputs, and complementary nQ and nQ outputs. Data at the D-input that
meets the set-up and hold time requirements on the LOW-to-HIGH clock transition will be stored
in the flip-flop and appear at the nQ output. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess VCC.
2. Features and benefits
• Wide supply voltage range from 1.0 V to 5.5 V
• Optimized for low voltage applications from 1.0 V to 3.6 V
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Direct interface with TTL levels (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74LV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Texas Instruments
74LV74A TI-74LV74A Datasheet
444Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
NXP Semiconductors
74LV74D PHILIPS-74LV74D Datasheet
125Kb / 12P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74LV74D NEXPERIA-74LV74D Datasheet
185Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trig
Rev. 4 9 December 2015
More results


Similar Description - 74LV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
Dual D-type flip-flop with set and reset positive-edge trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com