Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV74D Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV74D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV74D
Download  74LV74D Download
File Size   185.79 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive-edge trig

74LV74D Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV74D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV74D
Download  74LV74D Click to download

File Size   185.79 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive-edge trig

74LV74D Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV74D Product details

General description
The 74LV74 is a dual positive edge triggered, D-type flip-flop. It has individual data (nD)
inputs, clock (nCP) inputs, set (nSD) and (nRD) inputs, and complementary nQ and nQ
outputs.
The set and reset are asynchronous active LOW inputs that operate independently of the
clock input. Information on the data input is transferred to the nQ output on the
LOW-to-HIGH transition of the clock pulse. The nD inputs must be stable one set-up time
prior to the LOW-to-HIGH clock transition, for predictable operation. Schmitt-trigger action
in the clock input makes the circuit highly tolerant to slower clock rise and fall times.
Features and benefits
 Wide supply voltage range from 1.0 V to 5.5 V
 Optimized for low voltage applications: 1.0 V to 3.6 V
 Direct interface with TTL levels (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74LV74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV74D PHILIPS-74LV74D Datasheet
125Kb / 12P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74LV74D NEXPERIA-74LV74D Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74D NEXPERIA-74LV74D Datasheet
536Kb / 19P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 3 9 September 2013
74LV74D,118 NEXPERIA-74LV74D,118 Datasheet
536Kb / 19P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 3 9 September 2013
74LV74D-Q100 NEXPERIA-74LV74D-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
More results


Similar Description - 74LV74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com