Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1553200 Datasheet (PDF) - PHOENIX CONTACT

1553200 Datasheet PDF - PHOENIX CONTACT
Part # 1553200
Download  1553200 Download
File Size   414.65 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MR-4CON-PG 7-VA - Connector

1553200 Datasheet (PDF)

Go To PDF Page Download Datasheet
1553200 Datasheet PDF - PHOENIX CONTACT

Part # 1553200
Download  1553200 Click to download

File Size   414.65 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MR-4CON-PG 7-VA - Connector

1553200 Datasheet (HTML) - PHOENIX CONTACT


1553200 Product details

Connector, Universal, 4-position, Plug angled M12, A, Screw connection, knurl material:
Stainless steel 1.4404, cable gland Pg7, external cable diameter 4 mm ... 6 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors




Similar Part No. - 1553200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
155320A LITTELFUSE-155320A Datasheet
217Kb / 2P
For ATO Fuses In-Line Type
155320A LITTELFUSE-155320A Datasheet
59Kb / 1P
For ATO Fuses In-Line Type
155320A LITTELFUSE-155320A Datasheet
269Kb / 1P
Intended for use with 32 volts Autofuse fuses
155320U LITTELFUSE-155320U Datasheet
217Kb / 2P
For ATO Fuses In-Line Type
155320U LITTELFUSE-155320U Datasheet
59Kb / 1P
For ATO Fuses In-Line Type
More results


Similar Description - 1553200

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1553174 PHOENIX-1553174 Datasheet
252Kb / 6P
Connector - SACC-M12MS-4CON-PG 9-VA
1553213 PHOENIX-1553213 Datasheet
60Kb / 4P
Connector - SACC-M12MR-5CON-PG 7-VA
1553242 PHOENIX-1553242 Datasheet
61Kb / 4P
Plug-in connector - SACC-M12FS-4CON-PG 7-VA
1553161 PHOENIX-1553161 Datasheet
260Kb / 6P
Connector - SACC-M12MS-4CON-PG 7-VA
1694279 PHOENIX-1694279 Datasheet
91Kb / 5P
Connector - SACC-M12MR-4CON-PG 7-SH
1681088 PHOENIX-1681088 Datasheet
148Kb / 4P
SACC-M12MS-4CON-PG 7
1693429 PHOENIX-1693429 Datasheet
147Kb / 5P
SACC-M12MR-5CON-PG 7-SH
1553284 PHOENIX-1553284 Datasheet
408Kb / 13P
SACC-M12FR-4CON-PG 7-VA - Connector
1553226 PHOENIX-1553226 Datasheet
402Kb / 13P
SACC-M12MR-4CON-PG 9-VA - Connector
1553239 PHOENIX-1553239 Datasheet
442Kb / 13P
SACC-M12MR-5CON-PG 9-VA - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com