Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1553239 Datasheet (PDF) - PHOENIX CONTACT

1553239 Datasheet PDF - PHOENIX CONTACT
Part # 1553239
Download  1553239 Download
File Size   442.54 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MR-5CON-PG 9-VA - Connector

1553239 Datasheet (PDF)

Go To PDF Page Download Datasheet
1553239 Datasheet PDF - PHOENIX CONTACT

Part # 1553239
Download  1553239 Click to download

File Size   442.54 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MR-5CON-PG 9-VA - Connector

1553239 Datasheet (HTML) - PHOENIX CONTACT


1553239 Product details

Connector, Universal, 5-position, Plug angled M12, A, Screw connection, knurl material:
Stainless steel 1.4404, cable gland Pg9, external cable diameter 6 mm ... 8 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors




Similar Part No. - 1553239

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15532 MACOM-15532 Datasheet
286Kb / 4P
Heat-Shrink/Cable Markers
logo
List of Unclassifed Man...
15532 ETC-15532 Datasheet
183Kb / 2P
HEYClip??Nylon Push Screws
logo
Heyco.
15532 HEYCO-15532 Datasheet
114Kb / 2P
Nylon Push Screws – HPLP Series
logo
PHOENIX CONTACT
1553200 PHOENIX-1553200 Datasheet
414Kb / 13P
SACC-M12MR-4CON-PG 7-VA - Connector
logo
Littelfuse
155320A LITTELFUSE-155320A Datasheet
217Kb / 2P
For ATO Fuses In-Line Type
More results


Similar Description - 1553239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1553187 PHOENIX-1553187 Datasheet
259Kb / 6P
Connector - SACC-M12MS-5CON-PG 7-VA
1553190 PHOENIX-1553190 Datasheet
100Kb / 4P
SACC-M12MS-5CON-PG 9-VA
1553213 PHOENIX-1553213 Datasheet
60Kb / 4P
Connector - SACC-M12MR-5CON-PG 7-VA
1553271 PHOENIX-1553271 Datasheet
100Kb / 4P
SACC-M12FS-5CON-PG 9-VA
1553297 PHOENIX-1553297 Datasheet
60Kb / 4P
Connector - SACC-M12FR-5CON-PG 7-VA
1553307 PHOENIX-1553307 Datasheet
60Kb / 4P
Plug-in connector - SACC-M12FR-5CON-PG 9-VA
1694282 PHOENIX-1694282 Datasheet
97Kb / 6P
Connector - SACC-M12MR-5CON-PG 9-SH
1693429 PHOENIX-1693429 Datasheet
147Kb / 5P
SACC-M12MR-5CON-PG 7-SH
1553200 PHOENIX-1553200 Datasheet
414Kb / 13P
SACC-M12MR-4CON-PG 7-VA - Connector
1553226 PHOENIX-1553226 Datasheet
402Kb / 13P
SACC-M12MR-4CON-PG 9-VA - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com