Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP32 Datasheet (PDF) - Transko Electronics, Inc.

TP32 Datasheet PDF - Transko Electronics, Inc.
Part # TP32
Download  TP32 Download
File Size   463.34 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)

TP32 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP32 Datasheet PDF - Transko Electronics, Inc.

Part # TP32
Download  TP32 Click to download

File Size   463.34 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)

TP32 Datasheet (HTML) - Transko Electronics, Inc.


TP32 Product details

FEATURES:
 CMOS PROGRAMMABLE OSCILLATOR
 ULTRA MINITURE SMD PACKAGE WITH CMOS OUTPUT
 LOW PEAK TO PEAK JITTER




Similar Part No. - TP32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3200 NSC-TP3200 Datasheet
324Kb / 8P
SLIC-MC MAGNETIC COMPENSATION SLICS
TP3204 NSC-TP3204 Datasheet
324Kb / 8P
SLIC-MC MAGNETIC COMPENSATION SLICS
logo
3PEAK INC.
TP321 3PEAK-TP321 Datasheet
1Mb / 12P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TP321-TR 3PEAK-TP321-TR Datasheet
1Mb / 12P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
logo
TECH PUBLIC Electronics...
TP321-TRG TECHPUBLIC-TP321-TRG Datasheet
3Mb / 6P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
More results


Similar Description - TP32

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TX-I TRANSKO-TX-I Datasheet
181Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 4: 05-13-19
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com