Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP22 Datasheet (PDF) - Transko Electronics, Inc.

TP22 Datasheet PDF - Transko Electronics, Inc.
Part # TP22
Download  TP22 Download
File Size   453.87 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)

TP22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP22 Datasheet PDF - Transko Electronics, Inc.

Part # TP22
Download  TP22 Click to download

File Size   453.87 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)

TP22 Datasheet (HTML) - Transko Electronics, Inc.


TP22 Product details

FEATURES:
 CMOS PROGRAMMABLE OSCILLATOR
 ULTRA MINITURE SMD PACKAGE WITH CMOS OUTPUT
 LOW PEAK TO PEAK JITTER




Similar Part No. - TP22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP220 ETC1-TP220 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
TP220 ETC2-TP220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TP220 ETC2-TP220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
FENGJUI TECHNOLOGY CO.,...
TP220 FENGJUI-TP220 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP220B FENGJUI-TP220B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
More results


Similar Description - TP22

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CT22 TRANSKO-CT22 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.5 x 2.0 x 1.0mm)
Rev. 1: 10-10-19
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TP21 TRANSKO-TP21 Datasheet
304Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
Rev 1: 11-08-2021
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com