Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM22 Datasheet (PDF) - Transko Electronics, Inc.

TSM22 Datasheet PDF - Transko Electronics, Inc.
Part # TSM22
Download  TSM22 Download
File Size   292.41 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)

TSM22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM22 Datasheet PDF - Transko Electronics, Inc.

Part # TSM22
Download  TSM22 Click to download

File Size   292.41 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)

TSM22 Datasheet (HTML) - Transko Electronics, Inc.


TSM22 Product details

FEATURES:
• WIDE FREQUENCY RANGE
• LOW VOLTAGE / LOW CURRENT
• AEC-Q200 QUALIFIED OPTION




Similar Part No. - TSM22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
TSM220NB06LCR TSC-TSM220NB06LCR Datasheet
314Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
Dec-1997
TSM221D STMICROELECTRONICS-TSM221D Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
Dec-1997
TSM221ID STMICROELECTRONICS-TSM221ID Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
Dec-1997
More results


Similar Description - TSM22

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TISM2 TRANSKO-TISM2 Datasheet
165Kb / 1P
ULTRA MINIATURE SMD LVDS OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TPSM2 TRANSKO-TPSM2 Datasheet
137Kb / 1P
ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSM32 TRANSKO-TSM32 Datasheet
298Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 7: 02-24-2022
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com