Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPOS3316F Datasheet (PDF) - Transko Electronics, Inc.

TPOS3316F Datasheet PDF - Transko Electronics, Inc.
Part # TPOS3316F
Download  TPOS3316F Download
File Size   334.27 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (13.0 X 9.5 X 5.21 mm)

TPOS3316F Datasheet (PDF)

Go To PDF Page Download Datasheet
TPOS3316F Datasheet PDF - Transko Electronics, Inc.

Part # TPOS3316F
Download  TPOS3316F Click to download

File Size   334.27 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (13.0 X 9.5 X 5.21 mm)

TPOS3316F Datasheet (HTML) - Transko Electronics, Inc.


TPOS3316F Product details

ATURES
• Magnetic shielded • Halogen Free RoHS compliant
• Low DCR




Similar Part No. - TPOS3316F

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPOSAANGUG GREATECS-TPOSAANGUG Datasheet
365Kb / 1P
SPST THT Tactile Switches with LED
TPOSAARGUG GREATECS-TPOSAARGUG Datasheet
365Kb / 1P
SPST THT Tactile Switches with LED
TPOSAAUFUG GREATECS-TPOSAAUFUG Datasheet
365Kb / 1P
SPST THT Tactile Switches with LED
TPOSAAUGUG GREATECS-TPOSAAUGUG Datasheet
365Kb / 1P
SPST THT Tactile Switches with LED
TPOSACNGUG GREATECS-TPOSACNGUG Datasheet
365Kb / 1P
SPST THT Tactile Switches with LED
More results


Similar Description - TPOS3316F

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TANB1305F TRANSKO-TANB1305F Datasheet
765Kb / 3P
Power Inductor SMD (13.0 X 9.50 X 5.21 mm)
Rev 1: 04-27-2018
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT04020AF TRANSKO-TMPIT04020AF Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0403BF TRANSKO-TP0403BF Datasheet
655Kb / 3P
Power Inductor SMD (4.50 X 4.00 X 3.20 mm)
Rev 1: 03-05-2019
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com