Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM16 Datasheet (PDF) - Transko Electronics, Inc.

TSM16 Datasheet PDF - Transko Electronics, Inc.
Part # TSM16
Download  TSM16 Download
File Size   292.0 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)

TSM16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM16 Datasheet PDF - Transko Electronics, Inc.

Part # TSM16
Download  TSM16 Click to download

File Size   292.0 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)

TSM16 Datasheet (HTML) - Transko Electronics, Inc.


TSM16 Product details

FEATURES:
• WIDE FREQUENCY RANGE
• LOW VOLTAGE / LOW CURRENT
• THE WORLD’S SMALLEST QUARTZ CRYSTAL OSCILLATOR




Similar Part No. - TSM16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
TSM160N10CZC0 TSC-TSM160N10CZC0 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
Low gate charge for fast power switching
TSM160P02 TSC-TSM160P02 Datasheet
332Kb / 6P
P-Channel Power MOSFET
TSM160P02CSRLG TSC-TSM160P02CSRLG Datasheet
332Kb / 6P
P-Channel Power MOSFET
More results


Similar Description - TSM16

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX16 EUROQUARTZ-CX16 Datasheet
126Kb / 1P
Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
EQ212 EUROQUARTZ-EQ212 Datasheet
140Kb / 1P
2.0 x 1.2 x 0.6mm Ultra-miniature SMD
X4115 EUROQUARTZ-X4115 Datasheet
128Kb / 1P
4.1 x 1.5 x 0.7mm Miniature SMD
logo
ILSI America LLC
ISM16 ILSI-ISM16 Datasheet
178Kb / 2P
1.6 mm x 1.2 mm 4 Pads SMD Oscillator
logo
EUROQUARTZ limited
XO21 EUROQUARTZ-XO21 Datasheet
218Kb / 2P
2.0 x 1.6 x 0.75mm SMD HCMOS
logo
Transko Electronics, In...
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
TP21 TRANSKO-TP21 Datasheet
304Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
Rev 1: 11-08-2021
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
TSM53 TRANSKO-TSM53 Datasheet
416Kb / 1P
MINIATURE SMD HCMOS/TTL OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: May 2015
TX-U TRANSKO-TX-U Datasheet
254Kb / 2P
ULTRA MINITURE CERAMIC SMD TCXO / VCTCXO (2.0 x 1.6 x 0.7mm)
Rev. 2: Oct. 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com