Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX16 Datasheet (PDF) - EUROQUARTZ limited

CX16 Datasheet PDF - EUROQUARTZ limited
Part # CX16
Download  CX16 Download
File Size   126.6 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm

CX16 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX16 Datasheet PDF - EUROQUARTZ limited

Part # CX16
Download  CX16 Click to download

File Size   126.6 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm

CX16 Datasheet (HTML) - EUROQUARTZ limited


CX16 Product details

DESCRIPTION
CX16 crystals are manufactured with an unique pholithographic and chemical milling process and are then sealed within a ceramic package for high stability and low ageing. The parts are available with tight calibration tolerances and high stability over temperature. With a fast start-up time the crystal is ideally suited to applications with space constraint and require components with low profiles.

FEATURES
• Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
• Frequency Range 24MHz ~ 50MHz
• High shock and vibration resistance
• Hermetically sealed
• Ceramic lid
• Excellent ageing characteristics
• Full military testing available




Similar Part No. - CX16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
Subminiature, Leaded Solid Tantalum Capacitors
17-Apr-02
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
IQD Frequency Products ...
CX16-AT IQD-CX16-AT Datasheet
112Kb / 2P
Quartz Crystal Specification
logo
Kyocera Kinseki Corpota...
CX1612DB KSS-CX1612DB Datasheet
66Kb / 1P
Crystal units surface mount type
CX1612DB36000B0GEJ KSS-CX1612DB36000B0GEJ Datasheet
66Kb / 1P
Crystal units surface mount type
More results


Similar Description - CX16

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQ212 EUROQUARTZ-EQ212 Datasheet
140Kb / 1P
2.0 x 1.2 x 0.6mm Ultra-miniature SMD
logo
Transko Electronics, In...
CS12 TRANSKO-CS12 Datasheet
165Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.2 x 1.0 x 0.33mm)
Rev. 1: 10-10-19
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com