Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTS-413T Datasheet (PDF) - Unity Opto Technology

UTS-413T Datasheet PDF - Unity Opto Technology
Part # UTS-413T
Download  UTS-413T Download
File Size   62.11 Kbytes
Page   4 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description Infrared IrDA Transceiver Module

UTS-413T Datasheet (PDF)

Go To PDF Page Download Datasheet
UTS-413T Datasheet PDF - Unity Opto Technology

Part # UTS-413T
Download  UTS-413T Click to download

File Size   62.11 Kbytes
Page   4 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description Infrared IrDA Transceiver Module

UTS-413T Datasheet (HTML) - Unity Opto Technology


UTS-413T Product details

Description
The UTS-413T is a low cost, low power, multi-mode infrared transceiver module in a ultra slimline form factor ideally suited for portable wireless data communications and connectivity applications. The device consists of an infrared emitting diode (IRED), a photodiode (PIN), and a low power control IC integrated into a single package. Only a few external components are required to fully implement the module .

Feature Highlights
• IrDA1.1, HP-SIR, and Sharp ASK compliant
• Support IrDA data rates form 9.6Kbps to 4Mbps
• Minimal external components
• User programmable ambient light rejection filters
• High performance
    - minimum detectable photocurrent of 250nA @4Mbps, 100nA @≦ 115Kbps
    - analog latency turn around time <100uS (typical)
• Single +2.7V to +5V supply
• Low power consumption <1 uA in shutdown mode
• Wavelength : 870 nm

Applications
• Notebook and Subnotebook Computers
• External Infrared Adapters (Dongles)
• Desktop PCs、 Printers 、 PDAs
• Digital Still and Video Cameras
• Photo Imaging Printers
• Telecommunication Products (Cellular Phones、 Pagers)




Similar Part No. - UTS-413T

ManufacturerPart #DatasheetDescription
logo
SOURIAU-SUNBANK Connect...
UTS SOURIAU-UTS Datasheet
1Mb / 4P
Fiber Optic connector for fast & reliable rollout
UTS SOURIAU-UTS Datasheet
168Kb / 3P
Cable assembly
UTS18DCG2 SOURIAU-UTS18DCG2 Datasheet
1Mb / 4P
Fiber Optic connector for fast & reliable rollout
UTS1JC18LCN SOURIAU-UTS1JC18LCN Datasheet
1Mb / 4P
Fiber Optic connector for fast & reliable rollout
UTS618DCG2 SOURIAU-UTS618DCG2 Datasheet
1Mb / 4P
Fiber Optic connector for fast & reliable rollout
More results


Similar Description - UTS-413T

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
Integrated Infrared Transceiver Module IrDA (SIR)
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
Infrared IrDA Compliant Transceiver
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com