Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDS3000 Datasheet (PDF) - TEMIC Semiconductors

TFDS3000 Datasheet PDF - TEMIC Semiconductors
Part # TFDS3000
Download  TFDS3000 Download
File Size   221.14 Kbytes
Page   10 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Integrated Infrared Transceiver Module IrDA (SIR)

TFDS3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFDS3000 Datasheet PDF - TEMIC Semiconductors

Part # TFDS3000
Download  TFDS3000 Click to download

File Size   221.14 Kbytes
Page   10 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Integrated Infrared Transceiver Module IrDA (SIR)

TFDS3000 Datasheet (HTML) - TEMIC Semiconductors


TFDS3000 Product details

Description
The TFDS3000 is an infrared transceiver for data communication systems. The transceiver is compatible to the IrDA standard which allows data rates up to 115 kB/s. An internal AGC (Automatic Gain Control) ensures proper operation under EMI conditions.

Features
● Compatible to IrDA standard
● SMD side view
● Low profile (height = 5.6 mm max.)
● Microcomputer compatible
● No external components
● Low power consumption
● Wide supply voltage range (3 to 5.5 V)
● AGC for EMI immunity




Similar Part No. - TFDS3000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDS4400 VISHAY-TFDS4400 Datasheet
483Kb / 14P
SIR Transceiver Module (115.2 kbit/s) 2.7 V to 5.5 V
31-May-00
TFDS4400-TR3 VISHAY-TFDS4400-TR3 Datasheet
483Kb / 14P
SIR Transceiver Module (115.2 kbit/s) 2.7 V to 5.5 V
31-May-00
TFDS4500 VISHAY-TFDS4500 Datasheet
554Kb / 12P
2.7-5.5V Serial Infrared Transceiver Module Family
03-Apr-98
TFDS6401 VISHAY-TFDS6401 Datasheet
667Kb / 17P
Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
02-Nov-00
TFDS6401-TR3 VISHAY-TFDS6401-TR3 Datasheet
667Kb / 17P
Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
02-Nov-00
More results


Similar Description - TFDS3000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
26-Jan-04
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
11-Jul-06
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
Infrared IrDA Transceiver Module
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Dec-07
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
08-Jul-09
TFDU4101 VISHAY-TFDU4101_12 Datasheet
283Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Jul-12
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
TFDU4101 VISHAY-TFDU4101_V02 Datasheet
439Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com