Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT543ADB Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT543ADB Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT543ADB
Download  74ABT543ADB Download
File Size   267.58 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal latched transceiver with dual enable; 3-state

74ABT543ADB Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT543ADB Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT543ADB
Download  74ABT543ADB Click to download

File Size   267.58 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal latched transceiver with dual enable; 3-state

74ABT543ADB Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT543ADB Product details

1. General description
The 74ABT543A high performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive.
The 74ABT543A octal registered transceiver contains two sets of D-type latches for
temporary storage of data flowing in either direction. Separate latch enable (LEAB, LEBA)
and output enable (OEAB, OEBA) inputs are provided for each register to permit
independent control of data transfer in either direction. The outputs are guaranteed to sink
64 mA.
2. Features and benefits
 Combines 74ABT245 and 74ABT373 type functions in one device
 8-bit octal transceiver with D-type latch
 Back-to-back registers for storage
 Separate controls for data flow in each direction
 Live insertion and extraction permitted
 Output capability: +64 mA to 32 mA
 Power-up 3-state
 Power-up reset
 Latch-up protection exceeds 500 mA per JESD78B class II level A
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V




Similar Part No. - 74ABT543ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543ADB PHILIPS-74ABT543ADB Datasheet
115Kb / 12P
Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543ADB NXP-74ABT543ADB Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT543ADB PHILIPS-74ABT543ADB Datasheet
112Kb / 12P
Octal latched transceiver with dual enable 3-State
1998 Sep 24
More results


Similar Description - 74ABT543ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
Octal transceiver with dual enable 3-State
1998 Jul 29
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74F543 NXP-74F543 Datasheet
99Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com