Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1238737 Datasheet (PDF) - PHOENIX CONTACT

1238737 Datasheet PDF - PHOENIX CONTACT
Part # 1238737
Download  1238737 Download
File Size   743.16 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-M12FSBP-OE-93E-LI/2,0X - Device connector, rear mounting

1238737 Datasheet (PDF)

Go To PDF Page Download Datasheet
1238737 Datasheet PDF - PHOENIX CONTACT

Part # 1238737
Download  1238737 Click to download

File Size   743.16 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-M12FSBP-OE-93E-LI/2,0X - Device connector, rear mounting

1238737 Datasheet (HTML) - PHOENIX CONTACT


1238737 Product details

Device connector, rear mounting, Ethernet CAT5 (100 Mbps), Ethernet CAT5 (100 Mbps), 4-
position, PUR, water blue RAL 5021, shielded, Flush-type female connector, straight, M12-
SPEEDCON, coding: D , on free cable end, Rear mounting, M16 x 1.5, Bus line, cable length: 2
m, 0.14 mm2, Ethernet flexible CAT5, 2-pair, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1238737

ManufacturerPart #DatasheetDescription
logo
Heyco.
12387 HEYCO-12387 Datasheet
128Kb / 1P
Split Dart Cable Holders
logo
Belden Inc.
12387 BELDEN-12387 Datasheet
522Kb / 4P
Gigabit Ethernet Cat7 Data Double-Ended Cordset
02-03-2025
logo
Sumida Corporation
12387-T036 SUMIDA-12387-T036 Datasheet
60Kb / 1P
Transformers for LT8301
12387-T037 SUMIDA-12387-T037 Datasheet
60Kb / 1P
Transformers for LT8301
12387-T038 SUMIDA-12387-T038 Datasheet
60Kb / 1P
Transformers for LT8301
More results


Similar Description - 1238737

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405866 PHOENIX-1405866 Datasheet
804Kb / 24P
VS-M12FSBP-OE-93E-LI/2,0 - Device connector, rear mounting
1412820 PHOENIX-1412820 Datasheet
347Kb / 10P
VS-M12FSBP-OE-94C-LI/2,0 - Device connector, rear mounting
1239227 PHOENIX-1239227 Datasheet
431Kb / 9P
VS-FSDBPS-OE-93G-LI/2,0X - Device connector, rear mounting
1239239 PHOENIX-1239239 Datasheet
488Kb / 11P
VS-MSDBPS-OE-93K-LI/2,0X - Device connector, rear mounting
1416263 PHOENIX-1416263 Datasheet
1Mb / 27P
VS-OE-M12FSBP-93R-LI/2,0 - Device connector, rear mounting
1260717 PHOENIX-1260717 Datasheet
449Kb / 13P
VS-M12FSEC-OE-93E-LI/2,0X - Device connector front mounting
1260718 PHOENIX-1260718 Datasheet
286Kb / 8P
VS-M12FSBP-OE-94C-LI/2,0X - Device connector, rear mounting
1238757 PHOENIX-1238757 Datasheet
820Kb / 22P
VS-M12FSBP-OE-94B-LI/5,0X - Device connector, rear mounting
1416155 PHOENIX-1416155 Datasheet
284Kb / 8P
VS-OE-M12FSBP-93B-LI/2,0 - Device connector, rear mounting
1260715 PHOENIX-1260715 Datasheet
1Mb / 25P
VS-OE-M12FSBP-93R-LI/2,0X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com