Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3195 Datasheet (PDF) - Analog Devices

ADUM3195 Datasheet PDF - Analog Devices
Part # ADUM3195
Download  ADUM3195 Download
File Size   803.08 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Amplifier with Adjustable Gain and Single-Ended Output

ADUM3195 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3195 Datasheet PDF - Analog Devices

Part # ADUM3195
Download  ADUM3195 Click to download

File Size   803.08 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Amplifier with Adjustable Gain and Single-Ended Output

ADUM3195 Datasheet (HTML) - Analog Devices


ADUM3195 Product details

FEATURES
► High-Impedance input for isolated voltage measurement
► Low offset error and drift (output offset voltage): ±6 mV (Max) at
25°C and −22 μV/°C (Typ)
► Low gain error and drift: ±0.5% (max) and ±27 ppm/°C (max)
► Voltage-supply range
► VDD1: 4.5 V to 5.5 V
► VDD2: 4.5 V to 5.5 V
► Bandwidth: 210 kHz
► Isolation voltage: 3000 V rms for ADuM3195
► Safety and regulatory approvals (pending)
► UL recognition (pending): 3000 V rms for 1 minute per UL
1577
► CSA (pending)
► VDE certificate of conformity (pending)
► ► DIN VDE V 0884-11:2017-01
► VIORM = 636 V peak (reinforced)
► Wide temperature range
► −40°C to +125°C ambient operation
► 150°C maximum junction temperature
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► Inverters
► DC to DC converters
► On-board chargers

GENERAL DESCRIPTION
The ADuM31951 are isolation amplifiers based on Analog Devices,
Inc., iCoupler® technology. The ADuM3195 have very low offset
and gain error, making them ideal for many isolated voltage sensing
applications.
Unlike optocoupler-based solutions, which have an uncertain current
transfer ratio over lifetime and at high temperatures, the ADuM3195
transfer functions do not change over lifetime, and are
stable over a wide temperature range of −40°C to +125°C.
Included in the ADuM3195 are wideband operational amplifiers
useful for a variety of commonly used applications. Included in the
ADuM3195 are two high accuracy 2.5 V references outputs.
The ADuM3195 is packaged in a 16-lead quarter small outline
package (QSOP) for a 3000 V rms isolation voltage rating.




Similar Part No. - ADUM3195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
476Kb / 16P
High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
509Kb / 17P
High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
628Kb / 19P
High Stability Isolated Error Amplifier
Rev. A
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
476Kb / 16P
High Stability Isolated Error Amplifier
REV. 0
More results


Similar Description - ADUM3195

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
New Japan Radio
NJM2795 NJRC-NJM2795 Datasheet
129Kb / 6P
Ground noise isolation Amplifier with Adjustable Differential Gain
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
Single-ended Input and Output
logo
Allegro MicroSystems
ACS726 ALLEGRO-ACS726 Datasheet
1Mb / 15P
Galvanically Isolated Current Sensor IC With Differential Output and Externally Adjustable Gain
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
Texas Instruments
ISO224 TI1-ISO224 Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
logo
Analog Devices
ADUM4195-1 AD-ADUM4195-1 Datasheet
634Kb / 16P
Isolated Amplifier with Fixed Gain and Single-Ended Output
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com