Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCV123 Datasheet (PDF) - Integrated Device Technology

IDTCV123 Datasheet PDF - Integrated Device Technology
Part # IDTCV123
Download  IDTCV123 Download
File Size   78.22 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR

IDTCV123 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTCV123 Datasheet PDF - Integrated Device Technology

Part # IDTCV123
Download  IDTCV123 Click to download

File Size   78.22 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR

IDTCV123 Datasheet (HTML) - Integrated Device Technology


IDTCV123 Product details

DESCRIPTION:
IDTCV123 is a 56 pin clock device. The CPU output buffer is designed to support up to 400MHz processor. This chip has three PLLs inside for CPU/SRC/PCI, SATA, and 48MHz/DOT96 IO clocks. One dedicated PLL for Serial ATA clock provides high accuracy frequency. This device also implements Band-gap referenced IREF to reduce the impact of VDD variation on differential outputs, which can provide more robust system performance.
Static PLL frequency divide error can be as low as 36 ppm, worse case 114 ppm, providing high accuracy output clock. Each CPU/SRC/PCI, SATA clock has its own Spread Spectrum selection, which allows for isolated changes instead of affecting other clock groups.

FEATURES:
• One high precision PLL for CPU, with SSC and N programmable
• One high precision PLL for SRC/PCI/SATA, SSC and N programmable
• One high precision PLL for 96MHz/48MHz
• Band-gap circuit for differential outputs
• Supports spread spectrum modulation, down spread 0.5%
• Supports SMBus block read/write, index read/write
• Selectable output strength for REF
• Allows for CPU frequency to change to a higher frequency for maximum system computing power
• Available in SSOP package




Similar Part No. - IDTCV123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTCV123 RENESAS-IDTCV123 Datasheet
257Kb / 17P
PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
MAY 2004
IDTCV123PV RENESAS-IDTCV123PV Datasheet
257Kb / 17P
PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
MAY 2004
IDTCV123PVG RENESAS-IDTCV123PVG Datasheet
257Kb / 17P
PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
MAY 2004
More results


Similar Description - IDTCV123

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV152 IDT-IDTCV152 Datasheet
91Kb / 15P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
IDTCV133 RENESAS-IDTCV133 Datasheet
312Kb / 27P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JANUARY 2005
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com