Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCV122CPVG Datasheet (PDF) - Integrated Device Technology

IDTCV122CPVG Datasheet PDF - Integrated Device Technology
Part # IDTCV122CPVG
Download  IDTCV122CPVG Download
File Size   183.88 Kbytes
Page   19 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR

IDTCV122CPVG Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTCV122CPVG Datasheet PDF - Integrated Device Technology

Part # IDTCV122CPVG
Download  IDTCV122CPVG Click to download

File Size   183.88 Kbytes
Page   19 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR

IDTCV122CPVG Datasheet (HTML) - Integrated Device Technology


IDTCV122CPVG Product details

DESCRIPTION:

IDTCV122C is a 56 pin clock device, complying the latest Intel CK410 requirements, for Intel advance P4 processors. The CPU output buffer is designed to support up to 400MHz processor. One dedicated PLL for Serial ATA clock provides high accuracy frequency. This device also implements Band-gap referencedIREF to reduce the impact ofVDD variation on differential outputs, which can provide more robust system performance.

Each CPU/SRC/PCI, SATA clock has its own Spread Spectrum selection, which allows for isolated changes instead of affecting other clock groups.



FEATURES:

• One high precision N Programming PLL for CPU

• One high precision N Programming PLL for SRC/PCI

• One high precision PLL for SATA

• One high precision PLL for 96MHz/48MHz

• Band-gap circuit for differential outputs

• Support multiple spread spectrum modulation, down and center

• Support I2C block read/write, index read/write

• Selectable output strength for REF, PCI, and 48MHz

• Available in SSOP package



 




Similar Part No. - IDTCV122CPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
More results


Similar Description - IDTCV122CPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV123 IDT-IDTCV123 Datasheet
78Kb / 16P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV152 IDT-IDTCV152 Datasheet
91Kb / 15P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
IDTCV133 RENESAS-IDTCV133 Datasheet
312Kb / 27P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JANUARY 2005
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com