Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMB6627 Datasheet (PDF) - Infineon Technologies AG

PMB6627 Datasheet PDF - Infineon Technologies AG
Part # PMB6627
Download  PMB6627 Download
File Size   33.55 Kbytes
Page   1 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Transceiver for Bluetooth FH-SS 2.4 GHz Systems

PMB6627 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB6627 Datasheet PDF - Infineon Technologies AG

Part # PMB6627
Download  PMB6627 Click to download

File Size   33.55 Kbytes
Page   1 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Transceiver for Bluetooth FH-SS 2.4 GHz Systems

PMB6627 Datasheet (HTML) - Infineon Technologies AG


PMB6627 Product details

Overview
• Bluetooth Transveiver for the 2.4 GHz ISM Band
    (RF range 2378-2497 MHz)
• Part of complete Infineon Bluetooth
    chipset solution
• Completely integrated receiver with outstanding
    RF performance:
    best in class sensitivity and blocking
• Low current consumption
• No external IF filters or RF filters necessary
• B6HFC BiCMOS technology, 25 GHz ft
• fully balanced self adjusting VCO with integrated
    varactor diodes for receive and transmit mode   
• Prescaler and PLL on-chip with 1 MHz charge pump reference frequency
• Supply voltage regulators for the VCO and the analogue part
• Internal current reference for PLL charge pump to get constant lock-in time
• Small outline P-TSSOP-38 package (PMB 6625) or
    very small VQFN 40 package (PMB6627)
• low-if receiver topology solution
    Benefits: + no IF SAW-filter necessary or RF ceramic filter necessary
                   + reduced component count
• 2.5 GHz RF Power amplifier included, output power adjustable with external resistor,
    Benefits: + No external PA necessary for Bluetooth power class 2 operation
                   + direct interface to power class 1 PA via small matching circuits
                   + reduced RF front end component count
• On-chip LNA for optimum sensitivity and blocking
• 70 dB RSSI dynamic range, high stability
• Data Slicer including specialized offset compensation or analogue output
   




Similar Part No. - PMB6627

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PMB6687KIT1 HAMMOND-PMB6687KIT1 Datasheet
185Kb / 4P
Pole Mount Kit
6/27/2018
PMB6687KIT2 HAMMOND-PMB6687KIT2 Datasheet
185Kb / 4P
Pole Mount Kit
6/27/2018
PMB6687KIT3 HAMMOND-PMB6687KIT3 Datasheet
163Kb / 2P
Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features
7/14/2020
PMB6687KIT3 HAMMOND-PMB6687KIT3 Datasheet
171Kb / 2P
Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features
9/6/2021
PMB6687KIT4 HAMMOND-PMB6687KIT4 Datasheet
163Kb / 2P
Type 4/4X, 6/6P Polycarbonate and ABS Plastic Enclosures 1557 Series Water-Tight, Multiple Mounting Features
7/14/2020
More results


Similar Description - PMB6627

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G Datasheet
187Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
Motorola, Inc
MC13180 MOTOROLA-MC13180 Datasheet
995Kb / 58P
2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications
logo
ATMEL Corporation
T7023 ATMEL-T7023 Datasheet
203Kb / 11P
Bluetooth 2.4-GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G_07 Datasheet
227Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
Cypress Semiconductor
CYRF7936 CYPRESS-CYRF7936 Datasheet
1Mb / 21P
2.4 GHz CyFi??Transceiver
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G_09 Datasheet
192Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
TDK Electronics
ANT8030-2R4-01A TDK-ANT8030-2R4-01A Datasheet
68Kb / 3P
CHIP MULTILAYER ANTENNA FOR 2.4 GHz W-LAN / Bluetooth
logo
NXP Semiconductors
NXH3670UK NXP-NXH3670UK Datasheet
366Kb / 45P
Ultra-low power 2.4 GHz Bluetooth Low Energy transceiver for audio streaming
Rev. 3.2-13 December 2019
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com