Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI823H2AB-AS1 Datasheet (PDF) - Skyworks Solutions Inc.

SI823H2AB-AS1 Datasheet PDF - Skyworks Solutions Inc.
Part # SI823H2AB-AS1
Download  SI823H2AB-AS1 Download
File Size   1061.94 Kbytes
Page   50 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity

SI823H2AB-AS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI823H2AB-AS1 Datasheet PDF - Skyworks Solutions Inc.

Part # SI823H2AB-AS1
Download  SI823H2AB-AS1 Click to download

File Size   1061.94 Kbytes
Page   50 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity

SI823H2AB-AS1 Datasheet (HTML) - Skyworks Solutions Inc.


SI823H2AB-AS1 Product details

KEY FEATURES
• Single or two isolated drivers in one package
• Up to 5 kVRMS isolation
• Up to 1500 VDC peak driver-to-driver
differential voltage
• EN pin for enhanced safety or DIS pin option
• PWM and dual driver versions
• 4.0 A sink/source peak output
• High electromagnetic immunity
• 30 ns max propagation delay
• Transient immunity: >125 kV/μs
• Programmable dead time: 20 – 200 ns
• Deglitch option for filtering noise
• Wide temperature range: –40 to +125 °C
• RoHS-compliant packages
• WB SOIC-14
• DFN-14
• NB SOIC-8
• SSO-8
• NB SOIC-16
• AEC-Q100 qualification
• Automotive-grade OPNs available
• AIAG-compliant PPAP documentation
support
• IMDS and CAMDS listing support




Similar Part No. - SI823H2AB-AS1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8230AB-AS SKYWORKS-SI8230AB-AS Datasheet
1Mb / 58P
0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8230AB-AS1 SKYWORKS-SI8230AB-AS1 Datasheet
1Mb / 58P
0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8230AB-D-IS SILABS-Si8230AB-D-IS Datasheet
1,005Kb / 59P
0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI8230AB-D-IS SILABS-SI8230AB-D-IS Datasheet
994Kb / 59P
Amp ISOdrivers
logo
Skyworks Solutions Inc.
SI8230AB-D-IS SKYWORKS-SI8230AB-D-IS Datasheet
1Mb / 58P
0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results


Similar Description - SI823H2AB-AS1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2790 MICREL-MIC2790 Datasheet
718Kb / 18P
Supervisor with High-Accuracy, Ultra-Fast Propagation Delay, and Capacitor-Programmable Reset Delay
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
Propagation delay
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
High transient immunity
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
0.5 AND 4.0 AMP ISODRIVERS
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Micrel Semiconductor
MIC2790 MICREL-MIC2790_14 Datasheet
798Kb / 18P
Supervisor with High-Accuracy, Ultra-Fast Propagation Delay, and Capacitor-Programmable Reset Delay
logo
Maxim Integrated Produc...
USB2GPIOISO MAXIM-USB2GPIOISO Datasheet
1Mb / 8P
Low Propagation Delay 10ns, Typical
Rev 0; 4/18
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI8252X SKYWORKS-SI8252X Datasheet
721Kb / 28P
4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com