Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI823H2AB-AS1 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SI823H2AB-AS1
Description  4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI823H2AB-AS1 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SI823H2AB-AS1 Datasheet HTML 3Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 4Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 5Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 6Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 7Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 8Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 9Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 10Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
2. System Overview
2.1 Functional Description
The operation of an Si823Hx channel is analogous to that of an optocoupler and gate driver, except an RF carrier is modulated instead
of light. This simple architecture provides a robust isolated data path and requires no special considerations or initialization at start-up.
A simplified block diagram for a single Si823Hx channel is shown in the figure below.
RF OSCILLATOR
MODULATOR
DEMODULATOR
A
B
Semiconductor-
Based Isolation
Barrier
Transmitter
Receiver
DEAD TIME
CONTROL
4 A peak
Gnd
VDD
Driver
Figure 2.1. Simplified Channel Diagram
A channel consists of an RF Transmitter and RF Receiver separated by a semiconductor based isolation barrier. Referring to the
Transmitter, input A modulates the carrier provided by an RF oscillator using on/off keying. The Receiver contains a demodulator that
decodes the input state according to its RF energy content and applies the result to output B via the output driver. This RF on/off keying
scheme is superior to pulse code schemes as it provides best-in-class noise immunity, low power consumption, and better immunity to
magnetic fields. See the figure below for more details.
Input Signal
Output Signal
Modulation Signal
Figure 2.2. Modulation Scheme
Si823Hx Data Sheet • System Overview
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
7
206414A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 1, 2022
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com