Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI823H2AB-AS1 Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SI823H2AB-AS1
Description  4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI823H2AB-AS1 Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SI823H2AB-AS1 Datasheet HTML 9Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 10Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 11Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 12Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 13Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 14Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 15Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 16Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
2.9 Programmable Dead Time and Overlap Protection
All high-side/low-side drivers and PWM drivers (single input) include programmable dead time, which adds a user-programmable delay
between transitions of VOA and VOB. When asserted, dead time is present only on output rising edges, when the other input is
also high. If only one input is high, there is no dead time added to the output transition. Please see figure below for a graphical
representation of dead time implementation. The amount of dead time delay (DT) is programmed by a single resistor (RDT) connected
from the DT input to ground per the equation below. The DT is measured as the time elapsed between VOA low to VOB high and vice
versa.
For products with Dead Time setting of 20-200ns:
DT ~ 1.8 x (RDT) + 12, where DT = Typical Dead Time in ns, RDT = Dead Time Resistor in kΩ
VIA
VIB
VOA
VOB
Pulse 1 edges
have no DT
(VIB = low)
Pulse 1
Pulse 2
Pulse 3
Pulse 2 is
missing
(VIB = high)
DT present to
ensure VOB = low
before VOA = high
No DT
(VIA = low)
No DT since immediate
turn-off is required
(VIA = VIB = high)
DT present to
ensure VOA = low
before VOB = high
DT present to
ensure VOA = low
before VOB = high
Figure 2.6. Dead Time Implementation and Behavior
VIA/
PWM
VIB
VOA
VOB
DT
10%
90%
DT
10%
90%
Figure 2.7. Dead Time Waveforms for High-Side/Low-Side Drivers
Si823Hx Data Sheet • System Overview
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
13
206414A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 1, 2022
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com