Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI823H2AB-AS1 Datasheet(PDF) 32 Page - Skyworks Solutions Inc.

Part # SI823H2AB-AS1
Description  4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI823H2AB-AS1 Datasheet(HTML) 32 Page - Skyworks Solutions Inc.

Back Button SI823H2AB-AS1 Datasheet HTML 28Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 29Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 30Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 31Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 32Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 33Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 34Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 35Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 36Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
7. Package Outlines
7.1 8-Pin Narrow Body SOIC (NB SOIC-8)
The figure below illustrates the package details for the Si823Hx in an 8-pin narrow-body SOIC package. The table below lists the values
for the dimensions shown in the illustration.
α
Figure 7.1. 8-Pin Narrow Body SOIC Package
Table 7.1. 8-Pin Narrow Body SOIC Package Diagram Dimensions
Symbol
Millimeters
Min
Max
A
1.35
1.75
A1
0.10
0.25
A2
1.40 REF
1.55 REF
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27 BSC
H
5.80
6.20
h
0.25
0.50
L
0.40
1.27
∝
0°
8°
Si823Hx Data Sheet • Package Outlines
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
32
206414A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 1, 2022
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com