Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W528SXX Datasheet (PDF) - Winbond

W528SXX Datasheet PDF - Winbond
Part # W528SXX
Download  W528SXX Download
File Size   125.84 Kbytes
Page   15 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description ADPCM VOICE SYNTHESIZER(PowerSpeech)

W528SXX Datasheet (PDF)

Go To PDF Page Download Datasheet
W528SXX Datasheet PDF - Winbond

Part # W528SXX
Download  W528SXX Click to download

File Size   125.84 Kbytes
Page   15 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description ADPCM VOICE SYNTHESIZER(PowerSpeech)

W528SXX Datasheet (HTML) - Winbond


W528SXX Product details

GENERAL DESCRIPTION
The W528xxx family are programmable speech synthesis ICs that utilize the ADPCM coding method to generate all types of voice effects.
The W528xxxs LOAD and JUMP commands and four programmable registers provide powerful userprogrammable functions that make this chip suitable for an extremely wide range of speech IC applications.

FEATURES
• Programmable speech synthesizer
• Wide operating voltage range: 2.4 to 5.5 volts
• 4-bit ADPCM synthesis method
• Provides 4 direct trigger inputs that can easily be extended to 8 or 12 matrix trigger inputs
• Two trigger input debounce times (20 to 40 mS or 160 to 320 mS) can be set
• Provides up to 2 LEDs and 3 STOP outputs
• Every LED pin can drive 3 LEDs simultaneously
• LED flash frequency: 3 Hz
• AUD output current: 5 mA
• Flexible functions programmable through the following:
    - LD (load), JP (jump) commands
    - Four registers: R0, EN, STOP, and MODE
    - Conditional instructions
    - Speech equation
    - END instruction
    - Global repeat (GR) setting
    - Output frequency and LED flash type setting
• Programmable power-on initialization (POI) (can be interrupted by trigger inputs)
• POI delay time of 160 mS ensures stable voltage when chip is powered on
• Can be programmed for the following functions:
    - Interrupt or non-interrupt for rising or falling edge of each trigger pin (this feature determines retriggerable, non-retriggerable, overwrite, and non-overwrite features of each trigger pin)
    - Four playing modes: One Shot (OS) Level Hold (LH) Single-cycle level hold (S_LH) Complete-cycle level hold (C_LH)
    - Stop output signal setting
    - Serial, direct, or random trigger mode setting
• Four frequency options (4/4.8/6/8 KHz) and LED On/Off control can be set independently in each GO instruction of speech equation
• Independent control of LED1 and LED2
• Total of 256 voice group entries available for programming
• Provides the following mask options:
    - LED flash type: synchronous/alternate
    - LED1 section-controlled: Yes/No
    - LED2: section-controlled/STPC-controlled
    - LED volume-controlled: No/Yes




Similar Part No. - W528SXX

ManufacturerPart #DatasheetDescription
logo
Winbond
W528SXX WINBOND-W528SXX Datasheet
485Kb / 17P
ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
More results


Similar Description - W528SXX

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
ADPCM SPEECH SYNTHESIZER LSIs
logo
OKI electronic componet...
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
ADPCM Voice Analysis/Synthesis IC
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
ADPCM VOICE SYNTHESIZER
W523X WINBOND-W523X Datasheet
83Kb / 6P
Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
VOICE SYNTHESIZER
July 1986
logo
Winbond
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT6298 TONTEK-TT6298 Datasheet
456Kb / 19P
4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com