Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W523X Datasheet (PDF) - Winbond

W523X Datasheet PDF - Winbond
Part # W523X
Download  W523X Download
File Size   83.27 Kbytes
Page   6 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER

W523X Datasheet (PDF)

Go To PDF Page Download Datasheet
W523X Datasheet PDF - Winbond

Part # W523X
Download  W523X Click to download

File Size   83.27 Kbytes
Page   6 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER

W523X Datasheet (HTML) - Winbond


W523X Product details

GENERAL DESCRIPTION
The  W523X is a programmable speech synthesis IC that utilizes the ADPCM coding method to generate all types of voice effects. The W523Xs LOAD and JUMP commands and four programmable registers provide powerful user-programmable functions that make this chip suitable for an extremely wide range of speech IC applications.

FEATURES
· Wide operating voltage range: 1.2 to 3.6 volts
· Programmable speech synthesizer
· 4-bit ADPCM synthesis method and 8-bit D/A converter
· RC oscillator with built-in capacitor; voice output frequency typically at 6 KHz
· Provides 4 trigger inputs
· Drives 2 flash LEDs for two batteries
· 3 STOP output signals
· Flexible functions programmable through the following:
    - LD (load), JP (jump) commands
    - Four registers: R0, EN, STOP, and MODE
    - Conditional instructions
    - Speech equation
    - Global repeat (GR) setting
· Programmable power-on initialization (POI), which can be interrupted by trigger inputs
· Interrupt or non-interrupt for rising or falling edge of each trigger pin (this feature determines
retriggerable, non-retriggerable, overwrite, and non-overwrite features of each trigger pin)
· LED On/Off control can be set independently in each GO instruction of speech equation
· Independent control of LED1 and LED2
· Total of 256 voice group entries available for programming (including eight hardware and 248 software group entry points)
· 20 to 40 mS debounce time




Similar Part No. - W523X

ManufacturerPart #DatasheetDescription
logo
Winbond
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
HIGH FIDELITY POWER SPEECH
W523A010 WINBOND-W523A010 Datasheet
775Kb / 19P
HIGH FIDELITY POWER SPEECH
W523A012 WINBOND-W523A012 Datasheet
775Kb / 19P
HIGH FIDELITY POWER SPEECH
W523A015 WINBOND-W523A015 Datasheet
775Kb / 19P
HIGH FIDELITY POWER SPEECH
W523A020 WINBOND-W523A020 Datasheet
775Kb / 19P
HIGH FIDELITY POWER SPEECH
More results


Similar Description - W523X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
ADPCM SPEECH SYNTHESIZER LSIs
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
ADPCM VOICE SYNTHESIZER
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
Winbond
W528SXX WINBOND-W528SXX Datasheet
125Kb / 15P
ADPCM VOICE SYNTHESIZER(PowerSpeech)
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com