Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3480 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

AO3480 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # AO3480
Download  AO3480 Download
File Size   1788.13 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode Power MOSFET

AO3480 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3480 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # AO3480
Download  AO3480 Click to download

File Size   1788.13 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode Power MOSFET

AO3480 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


AO3480 Product details

General Features
Vos = 30V = 588
Rosion < 59mQ @ Ves=2.5V
Rosion < 45mQ @ Ves=4.5V
Rosion <41mQ @ Vos=10V




Similar Part No. - AO3480

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
AO3480 UMW-AO3480 Datasheet
526Kb / 6P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
AO3480 EVVOSEMI-AO3480 Datasheet
388Kb / 6P
N-Channel MOSFET
Rev:2023A2
logo
Guangdong Youtai Semico...
AO3480A UMW-AO3480A Datasheet
526Kb / 6P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
AO3480A EVVOSEMI-AO3480A Datasheet
388Kb / 6P
N-Channel MOSFET
Rev:2023A2
More results


Similar Description - AO3480

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com