Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7104B Datasheet (PDF) - Chrontel, Inc.

CH7104B Datasheet PDF - Chrontel, Inc.
Part # CH7104B
Download  CH7104B Download
File Size   200.49 Kbytes
Page   7 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7104B HDMI to HDTV/VGA Converter

CH7104B Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7104B Datasheet PDF - Chrontel, Inc.

Part # CH7104B
Download  CH7104B Click to download

File Size   200.49 Kbytes
Page   7 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7104B HDMI to HDTV/VGA Converter

CH7104B Datasheet (HTML) - Chrontel, Inc.


CH7104B Product details

FEATURES GENERAL DESCRIPTION
 HDMI Receiver compliant with HDMI 1.4 specification
 Support multiple output formats:
— HDTV format (YPbPr output) for 480p, 576p,
720p, 1080i and 1080P
— Analog RGB output for VGA with Triple 9-bit
DAC up to 200MHz pixel rate. Sync signals can be
provided in separated or composite manner.
Support VESA and CEA timing standards up to
UXGA and 1920x1080@60Hz
 On-chip Audio encoder which support 2 channel IIS/
S/PDIF audio output
 VGA output is compliant with VESA VSIS v1r2
specification
 MCU embedded to handle the control logic
 Support device boot up by automatically loading
firmware from on-chip flash
 Integrated EDID Buffer
 Crystal Free architecture
 TV/VGA connection detection supported
 HDMI input detection supported
 Support Auto Power Saving mode and low stand-by
current
 Support RGB to YCC conversion in ITU-R BT.601 and
709 color space
 IIC slave interface and HDMI DDC interface are
available for debug and firmware update.
 Low power architecture
 RoHS compliant and Halogen free package
 Offered in 40-Pin QFN package (5 x 5 mm)
APPLICATION
 HDMI to YPbPr/VGA Adapter/Docking Station
 Car Infotainment Device
 IPC
 Handheld/Portable Device
 Digital Video Systems
Chrontel’s CH7104B is a low-cost, low-power
semiconductor device that consists of HDMI receiver,
three separate 9-bit video Digital-to-Analog Converters
(DACs), HDTV encoder, and audio encoder, which can
convert HDMI signals into HDTV/VGA outputs with IIS
or SPDIF audio output.
The HDMI Receiver integrated is compliant with HDMI
1.4b. With sophisticated MCU and the on-chip flash,
CH7104B supports auto-boot and EDID buffer.
Leveraging the firmware auto loaded from the embedded
flash, CH7104B can support HDMI input detection, DAC
connection detection and determine to enter into Power
saving mode automatically.




Similar Part No. - CH7104B

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
CH710-CF APACER-CH710-CF Datasheet
2Mb / 5P
ApacerindustrialCH710-CFcard
logo
Chrontel, Inc.
CH7101B CHRONTEL-CH7101B Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7101B-BF CHRONTEL-CH7101B-BF Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7101B-BFI CHRONTEL-CH7101B-BFI Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7102A CHRONTEL-CH7102A Datasheet
190Kb / 6P
CH7102A HDMI to BT656 Converter
Rev 1.4 2021-5-20
More results


Similar Description - CH7104B

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P116-000-HDSC1 TRIPPLITE-P116-000-HDSC1 Datasheet
170Kb / 3P
VGA with Audio to HDMI Converter with Scaler function
logo
IOGEAR
GVFHFW6 IOGEAR-GVFHFW6 Datasheet
156Kb / 2P
VGA w/Audio to HDMI converter TAA Compliant
logo
Chrontel, Inc.
CH7101B CHRONTEL-CH7101B Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7033B CHRONTEL-CH7033B Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7034B CHRONTEL-CH7034B Datasheet
215Kb / 9P
CH7034B HDTV/VGA/LVDS Encoder
Rev. 1.4 06/30/2020
CH7036 CHRONTEL-CH7036 Datasheet
175Kb / 8P
CH7036 LVDS to HDMI/VGA/LVDS Converter
Rev. 1.5 06/30/2020
CH7053A CHRONTEL-CH7053A Datasheet
181Kb / 8P
CH7053A HDTV/VGA/ DVI Transmitter
Rev 1.0 08/22/2014
CH7105B CHRONTEL-CH7105B Datasheet
202Kb / 7P
CH7105B HDMI to SDTV/VGA Converter
Rev 1.5 2021-5-20
CH7106B CHRONTEL-CH7106B Datasheet
202Kb / 7P
CH7106B HDMI to SDTV/HDTV/VGA Converter
Rev 1.5 2021-5-20
CH7117B CHRONTEL-CH7117B Datasheet
214Kb / 8P
CH7117B HDMI to SDTV/HDTV/BT656/VGA Converter with Flexible Scaler
Rev 1.1 2020-6-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com