Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7213 Datasheet (PDF) - Chrontel, Inc.

CH7213 Datasheet PDF - Chrontel, Inc.
Part # CH7213
Download  CH7213 Download
File Size   185.79 Kbytes
Page   8 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7213A USB Type-C Logic Controller

CH7213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7213 Datasheet PDF - Chrontel, Inc.

Part # CH7213
Download  CH7213 Click to download

File Size   185.79 Kbytes
Page   8 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7213A USB Type-C Logic Controller

CH7213 Datasheet (HTML) - Chrontel, Inc.


CH7213 Product details

FEATURES GENERAL DESCRIPTION
 Compliant with Type-C Specification Revision 1.2
 Compliant with the Power Delivery Specification
Revision 2.0, Version 1.1
 Supports VESA DisplayPort Alt. Mode 1.0a
 Bi-directional conversion between the HPD signal and
Power Delivery VDM
 Support DisplayPort AUX Channel DC voltage level
detection
 Configurable USB Type-C Ports. Device can be
designed with Type-C plug or Type-C receptacle
connector. CC logic and Power Delivery protocol
support one sink port and one charging port
 Rp and Rd resistors integrated
 Built-in Ra termination resistor
 USB Type-C SBU and DisplayPort AUX Channel
switch integrated
 Support Type-C plug orientation detection
 Integrated USB Billboard Class, Version 1.21 for
supporting USB Type-C Alt. Mode
 Support VCONN power. 5V to 3.3V and 3.3V to 1.2V
Regulator integrated to save BOM cost
 Embedded MCU and flash
 IIC slave interface
 Firmware update capability
 Crystal free
 RoHS compliant and Halogen free package
 Offered in 16-Pin QFN (4x4 mm)
APPLICATION
 USB Type-C to DisplayPort adapter
 DisplayPort to USB Type-C adapter
 Type-C docking
 USB Type-C to Multi-video adapter
Chrontel’s CH7213A is a low cost USB Type-C logic
controller. The device is targeted for system designers
implementing USB Type-C devices with DisplayPort
capabilities and USB Power Delivery 2.0 support. The
CH7213A integrates the USB Type-C plug orientation
and attached detection mechanism on the CC (Channel
Communication) pins. Its robust Power Delivery 2.0
module using the BMC protocol can enable USB Type-C
devices operating in various power management roles
including Consumer, Provider and Power Role Swap.
The DisplayPort Alt. mode is another alternative interface
supported in the CH7213A. A built-in Billboard Class
can be automatically exposed to the USB 2.0 D+/- bus if a
Type-C PD Source (DFP) does not equip USB Type-C
Alt. Mode features that support DisplayPort signal
transmission. The system with CH7213A’s DisplayPort
Alt. mode enabled can be programmed to support Type-C
to DisplayPort display or DisplayPort to a Type-C DP
Alt. mode monitor. The CH7213A’s bi-directional signal
converter for the DisplayPort HPD (hot plug detection)
and VDM (Vendor Defined Message) is capable of
translating the HPD to the appropriated VDM to Type-C
DP device and vice versa. In addition to hardware
support of PHY and Link layers, the CH7213A has an
internal microprocessor to handle the cable logic
communication and can be programmed for
customization according to the application of USB TypeC platforms.
For reducing the BOM cost of final products, the
CH7213A integrates all necessary components and
circuits, such as LDO, clock generation isolation circuit,
Ra
, Rd and Rp etc.




Similar Part No. - CH7213

ManufacturerPart #DatasheetDescription
logo
Chrontel, Inc.
CH7213C CHRONTEL-CH7213C Datasheet
200Kb / 7P
CH7213C USB Type-C Logic Controller
Rev 1.1 2020-7-9
CH7213C-BF CHRONTEL-CH7213C-BF Datasheet
200Kb / 7P
CH7213C USB Type-C Logic Controller
Rev 1.1 2020-7-9
CH7213D CHRONTEL-CH7213D Datasheet
200Kb / 7P
CH7213D USB Type-C Logic Controller
Rev 0.1 2022-8-16
CH7213D-BF CHRONTEL-CH7213D-BF Datasheet
200Kb / 7P
CH7213D USB Type-C Logic Controller
Rev 0.1 2022-8-16
More results


Similar Description - CH7213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
Rohm
BM92A50MWV-Z ROHM-BM92A50MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
logo
Chrontel, Inc.
CH7213C CHRONTEL-CH7213C Datasheet
200Kb / 7P
CH7213C USB Type-C Logic Controller
Rev 1.1 2020-7-9
CH7213D CHRONTEL-CH7213D Datasheet
200Kb / 7P
CH7213D USB Type-C Logic Controller
Rev 0.1 2022-8-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com