Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7213C Datasheet (PDF) - Chrontel, Inc.

CH7213C Datasheet PDF - Chrontel, Inc.
Part # CH7213C
Download  CH7213C Download
File Size   200.29 Kbytes
Page   7 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7213C USB Type-C Logic Controller

CH7213C Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7213C Datasheet PDF - Chrontel, Inc.

Part # CH7213C
Download  CH7213C Click to download

File Size   200.29 Kbytes
Page   7 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7213C USB Type-C Logic Controller

CH7213C Datasheet (HTML) - Chrontel, Inc.


CH7213C Product details

FEATURES GENERAL DESCRIPTION
 Compliant with Type-C Specification Revision 1.4
 Compliant with the Power Delivery Specification
Revision 3.0
 Supports VESA DisplayPort Alt. Mode 1.0a
 Bi-directional conversion between the HPD signal and
Power Delivery VDM
 Support DisplayPort AUX Channel DC voltage level
detection
 Rp and Rd resistors integrated
 Built-in Ra termination resistor
 USB Type-C SBU and DisplayPort AUX Channel
switch integrated
 Integrated USB Billboard Class, Version 1.21 for
supporting USB Type-C Alt. Mode
 Support VCONN power. 5V to 3.3V and 3.3V to 1.2V
Regulator integrated to save BOM cost
 Embedded MCU and EEPROM
 IIC slave interface
 Firmware update capability
 Crystal free
 RoHS compliant and Halogen free package
 Offered in 16-Pin QFN (4x4 mm)
APPLICATION
 USB Type-C to DisplayPort adapter
 DisplayPort to USB Type-C adapter
 Type-C docking
 USB Type-C to Multi-video adapter
Chrontel’s CH7213C is a low cost USB Type-C logic
controller. The device is targeted for system designers
implementing USB Type-C devices with DisplayPort
capabilities and USB Power Delivery 3.0 support.
CH7213C’s robust Power Delivery 3.0 module using the
BMC protocol can enable USB Type-C devices operating
in various power management roles including Consumer
and Provider. The DisplayPort Alt. mode is another
alternative interface supported in the CH7213C. A builtin Billboard Class can be automatically exposed to the
USB 2.0 D+/- bus if a Type-C PD Source (DFP) does not
equip USB Type-C Alt. Mode features that support
DisplayPort signal transmission. The system with
CH7213C’s DisplayPort Alt. mode enabled can be
programmed to support Type-C to DisplayPort display or
DisplayPort to a Type-C DP Alt. mode monitor. The
CH7213C’s bi-directional signal converter for the
DisplayPort HPD (hot plug detection) and VDM (Vendor
Defined Message) is capable of translating the HPD to the
appropriated VDM to Type-C DP device and vice versa.
In addition to hardware support of PHY and Link layers,
the CH7213C has an internal microprocessor to handle
the cable logic communication and can be programmed
for customization according to the application of USB
Type-C platforms.
For reducing the BOM cost of final products, the
CH7213C integrates all necessary components and
circuits, such as LDO, clock generation isolation circuit,
Ra
, Rd and Rp etc.




Similar Part No. - CH7213C

ManufacturerPart #DatasheetDescription
logo
Chrontel, Inc.
CH7213 CHRONTEL-CH7213 Datasheet
185Kb / 8P
CH7213A USB Type-C Logic Controller
Rev 0.95 2017-5-8
CH7213A-BF CHRONTEL-CH7213A-BF Datasheet
185Kb / 8P
CH7213A USB Type-C Logic Controller
Rev 0.95 2017-5-8
CH7213D CHRONTEL-CH7213D Datasheet
200Kb / 7P
CH7213D USB Type-C Logic Controller
Rev 0.1 2022-8-16
CH7213D-BF CHRONTEL-CH7213D-BF Datasheet
200Kb / 7P
CH7213D USB Type-C Logic Controller
Rev 0.1 2022-8-16
More results


Similar Description - CH7213C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
Rohm
BM92A50MWV-Z ROHM-BM92A50MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
logo
Chrontel, Inc.
CH7213 CHRONTEL-CH7213 Datasheet
185Kb / 8P
CH7213A USB Type-C Logic Controller
Rev 0.95 2017-5-8
CH7213D CHRONTEL-CH7213D Datasheet
200Kb / 7P
CH7213D USB Type-C Logic Controller
Rev 0.1 2022-8-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com