Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1309A Datasheet (PDF) - Belden Inc.

1309A Datasheet PDF - Belden Inc.
Part # 1309A
Download  1309A Download
File Size   176.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 C #14 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible

1309A Datasheet (PDF)

Go To PDF Page Download Datasheet
1309A Datasheet PDF - Belden Inc.

Part # 1309A
Download  1309A Click to download

File Size   176.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 C #14 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible

1309A Datasheet (HTML) - Belden Inc.


1309A Product details

Product Description
Speaker Cable, 2 Conductor 14 AWG (105 x 34) Oxygen-Free Bare Copper (High Conductivity), PE Insulation, PVC Jacket, CM, Direct Burial, Flexible




Similar Part No. - 1309A

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
1309A0-1 METZ-1309A0-1 Datasheet
4Mb / 6P
Modul surface mount housing 2 port pure white, unequipped
2022/07/13 Version: B
1309A0-1 METZ-1309A0-1 Datasheet
4Mb / 6P
Keystone surface mount housing 2 port pure white, unequipped
2022/07/13 Version: A
1309A0-1 METZ-1309A0-1 Datasheet
823Kb / 6P
Modul surface mount housing 3 port pure white, unequipped
2022/07/13 Version: Q
1309A0-1 METZ-1309A0-1 Datasheet
1Mb / 5P
Keystone surface mount housing 3 port pure white, unequipped
2022/07/13 Version: I
1309A0-1 METZ-1309A0-1 Datasheet
584Kb / 6P
Modul surface mount housing 4 port pure white, unequipped
2022/07/13 Version: Q
More results


Similar Description - 1309A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
1311A BELDEN-1311A Datasheet
176Kb / 2P
Speaker Cable, 2 C #12 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1313A BELDEN-1313A Datasheet
176Kb / 2P
Speaker Cable, 2 C #10 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1312A BELDEN-1312A Datasheet
155Kb / 2P
Speaker Cable, 4 C #12 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1308A BELDEN-1308A Datasheet
197Kb / 2P
Speaker Cable, 4 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1310A BELDEN-1310A Datasheet
144Kb / 2P
Speaker Cable, 4 C #14 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1307A BELDEN-1307A Datasheet
176Kb / 2P
Speaker Cable, 2 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
27636A BELDEN-27636A Datasheet
158Kb / 2P
TC VN/PVC, 2 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
A0214KR BELDEN-A0214KR Datasheet
140Kb / 2P
TC VN/PVC, 2 C #14 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A02142R BELDEN-A02142R Datasheet
138Kb / 2P
TC VN/PVC, 2 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com