Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1307A Datasheet (PDF) - Belden Inc.

1307A Datasheet PDF - Belden Inc.
Part # 1307A
Download  1307A Download
File Size   176.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible

1307A Datasheet (PDF)

Go To PDF Page Download Datasheet
1307A Datasheet PDF - Belden Inc.

Part # 1307A
Download  1307A Click to download

File Size   176.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible

1307A Datasheet (HTML) - Belden Inc.


1307A Product details

Product Description
Speaker Cable, 2 Conductor 16 AWG (65 x 34) Oxygen-Free Bare Copper (High Conductivity), PE Insulation, PVC Jacket, CM, Direct Burial, Flexible




Similar Part No. - 1307A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1307 ETC2-1307 Datasheet
448Kb / 4P
Hinged top panel for 352HL and 352HS
1307 ETC2-1307 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Anderson Power Products...
1307 APP-1307 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
1307 APP-1307 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
logo
Heyco.
1307 HEYCO-1307 Datasheet
120Kb / 1P
Window “View Port” Plugs
More results


Similar Description - 1307A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9405 BELDEN-9405 Datasheet
192Kb / 2P
Electronic, 26 C #1816 Str TC, PVC Ins, PVC Jkt, CM
06-01-2023
1311A BELDEN-1311A Datasheet
176Kb / 2P
Speaker Cable, 2 C #12 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1313A BELDEN-1313A Datasheet
176Kb / 2P
Speaker Cable, 2 C #10 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1312A BELDEN-1312A Datasheet
155Kb / 2P
Speaker Cable, 4 C #12 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1308A BELDEN-1308A Datasheet
197Kb / 2P
Speaker Cable, 4 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1309A BELDEN-1309A Datasheet
176Kb / 2P
Speaker Cable, 2 C #14 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1310A BELDEN-1310A Datasheet
144Kb / 2P
Speaker Cable, 4 C #14 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
A0216KR BELDEN-A0216KR Datasheet
140Kb / 2P
TC VN/PVC, 2 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
27337A BELDEN-27337A Datasheet
158Kb / 2P
TC VN/PVC, 2 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com