Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55503626 Datasheet (PDF) - Lapp.

55503626 Datasheet PDF - Lapp.
Part # 55503626
Download  55503626 Download
File Size   116.41 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® FCE COMPACT

55503626 Datasheet (PDF)

Go To PDF Page Download Datasheet
55503626 Datasheet PDF - Lapp.

Part # 55503626
Download  55503626 Click to download

File Size   116.41 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® FCE COMPACT

55503626 Datasheet (HTML) - Lapp.


55503626 Product details

Technical Features:
Connecting thread
M12x1,5 up to M40x1,5
Nominal wide
NW 12 up to NW40
Protection class
IP68 acc. to DIN EN 60529
Depending on the used conduit
Temperature range:
-45°C up to +105°C




Similar Part No. - 55503626

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
5550 SEMTECH-5550 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Kemet Corporation
5550 KEMET-5550 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
3M Electronics
5550 3M-5550 Datasheet
52Kb / 4P
Cold Shrink] Rubber Splicing Kits
1996
logo
List of Unclassifed Man...
5550-2 ETC2-5550-2 Datasheet
523Kb / 1P
Adjustin screwdrivewri th
5550-3 ETC2-5550-3 Datasheet
523Kb / 1P
Adjustin screwdrivewri th
More results


Similar Description - 55503626

ManufacturerPart #DatasheetDescription
logo
Lapp.
52005810 LAPP-52005810 Datasheet
91Kb / 2P
SILVYN® USK
04.07.2019
55506905 LAPP-55506905 Datasheet
121Kb / 2P
SILVYN® FCL
22.12.2020
55510700 LAPP-55510700 Datasheet
97Kb / 2P
SILVYN® HYGIENIC
03.07.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803808 LAPP-61803808 Datasheet
110Kb / 2P
SILVYN® COMPACT 90° M
03.07.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803824 LAPP-61803824 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61803832 LAPP-61803832 Datasheet
105Kb / 1P
SILVYN® COMPACT NPT
03.07.2018
61803839 LAPP-61803839 Datasheet
116Kb / 2P
SILVYN® COMPACT 90° NPT
03.07.2018
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com