Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1077A Datasheet (PDF) - Belden Inc.

1077A Datasheet PDF - Belden Inc.
Part # 1077A
Download  1077A Download
File Size   211.17 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 8 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1077A Datasheet (PDF)

Go To PDF Page Download Datasheet
1077A Datasheet PDF - Belden Inc.

Part # 1077A
Download  1077A Click to download

File Size   211.17 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 8 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1077A Datasheet (HTML) - Belden Inc.


1077A Product details

Product Description
UL Instrumentation, 8 Pair 20+22AWG (7x28) Bare Copper, PVC Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
PLTC ITC CMG AWM 2464 SUN RES




Similar Part No. - 1077A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1077A ETC2-1077A Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
More results


Similar Description - 1077A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1061A BELDEN-1061A Datasheet
165Kb / 2P
Inst, 36 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1076A BELDEN-1076A Datasheet
199Kb / 2P
Inst, 4 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1080A BELDEN-1080A Datasheet
163Kb / 2P
Inst, 24 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1082A BELDEN-1082A Datasheet
161Kb / 2P
Inst, 50 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1058A BELDEN-1058A Datasheet
203Kb / 2P
Inst, 12 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1078A BELDEN-1078A Datasheet
163Kb / 2P
Inst, 12 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1079A BELDEN-1079A Datasheet
211Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1081A BELDEN-1081A Datasheet
163Kb / 2P
Inst, 36 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1494A BELDEN-1494A Datasheet
163Kb / 2P
Inst, 8 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com