Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3039A Datasheet (PDF) - Belden Inc.

3039A Datasheet PDF - Belden Inc.
Part # 3039A
Download  3039A Download
File Size   171.93 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 300V, (24 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG

3039A Datasheet (PDF)

Go To PDF Page Download Datasheet
3039A Datasheet PDF - Belden Inc.

Part # 3039A
Download  3039A Click to download

File Size   171.93 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 300V, (24 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG

3039A Datasheet (HTML) - Belden Inc.


3039A Product details

Product Description
Twenty-four 18 AWG traids stranded (7x26) bare copper conductors, one 22 AWG stranded (7x30) bare copper conductor, twisted pairs, PVC insulation,
Individual and overall Beldfoil® shield (100% coverage), PVC jacket.




Similar Part No. - 3039A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3039 KR-3039 Datasheet
75Kb / 3P
25.5 MHz Lowpass Filter
logo
Heyco.
3039 HEYCO-3039 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Keystone Electronics Co...
3039 KEYSTONE-3039 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
PHOENIX CONTACT
3039007 PHOENIX-3039007 Datasheet
66Kb / 2P
FBS 10-5 GY
logo
Wurth Elektronik GmbH &...
3039564199 WURTH-3039564199 Datasheet
296Kb / 3P
WE-LT Conductive Shielding Gasket
001.000
More results


Similar Description - 3039A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1080A BELDEN-1080A Datasheet
163Kb / 2P
Inst, 24 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1474A BELDEN-1474A Datasheet
165Kb / 2P
Inst, 2 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3042A BELDEN-3042A Datasheet
216Kb / 2P
Inst, 50 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3053A BELDEN-3053A Datasheet
171Kb / 3P
300V, (16 triad) 16 AWG (7x24) BC, (1) 22 AWG (7x30) BC,FR-PVC/FR-PVC, IS/OS, PLTC-ER, CMG
08-09-2023
3102A BELDEN-3102A Datasheet
167Kb / 2P
300V, (1 triad) 12 AWG (7x20) BC, PVC/PVC, Foil Shld, PLTC
08-09-2023
32P1824 BELDEN-32P1824 Datasheet
152Kb / 2P
Inst PVC/PVC, 24 Pr #18 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1481A BELDEN-1481A Datasheet
161Kb / 2P
Inst, 36 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3037A BELDEN-3037A Datasheet
164Kb / 2P
300V, (16 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG
08-10-2023
31P1608 BELDEN-31P1608 Datasheet
145Kb / 2P
300V, (8 pr) 16 AWG (7x24) BC, PVC/PVC, IS/OS Foil Shld, PLTC/ITC, CMG
04-08-2022
32P1816 BELDEN-32P1816 Datasheet
152Kb / 2P
Inst PVC/PVC, 16 Pr #18 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com