Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3053A Datasheet (PDF) - Belden Inc.

3053A Datasheet PDF - Belden Inc.
Part # 3053A
Download  3053A Download
File Size   171.45 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 300V, (16 triad) 16 AWG (7x24) BC, (1) 22 AWG (7x30) BC,FR-PVC/FR-PVC, IS/OS, PLTC-ER, CMG

3053A Datasheet (PDF)

Go To PDF Page Download Datasheet
3053A Datasheet PDF - Belden Inc.

Part # 3053A
Download  3053A Click to download

File Size   171.45 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 300V, (16 triad) 16 AWG (7x24) BC, (1) 22 AWG (7x30) BC,FR-PVC/FR-PVC, IS/OS, PLTC-ER, CMG

3053A Datasheet (HTML) - Belden Inc.


3053A Product details

Product Description
Sixteen 16 AWG traids stranded (7x24) bare copper conductors, one 22 AWG stranded (7x30) bare copper conductor, twisted pairs, flame retardant PVC
insulation, Individual and overall Beldfoil® shield (100% coverage), flame retardant PVC jacket.




Similar Part No. - 3053A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3053 KR-3053 Datasheet
34Kb / 2P
Notch filter 162 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3053 ETC2-3053 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Alpha Wire
3053 ALPHAWIRE-3053 Datasheet
2Mb / 49P
Hook-Up Wire
3053 ALPHAWIRE-3053 Datasheet
70Kb / 3P
Customer Specification
logo
API Technologies Corp
3053 APITECH-3053 Datasheet
610Kb / 2P
Manual Step, Ruggedized SMA Connectors
More results


Similar Description - 3053A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3039A BELDEN-3039A Datasheet
171Kb / 3P
300V, (24 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG
08-09-2023
3051A BELDEN-3051A Datasheet
160Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1079A BELDEN-1079A Datasheet
211Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
3052A BELDEN-3052A Datasheet
213Kb / 2P
Inst, 16 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3069A BELDEN-3069A Datasheet
166Kb / 2P
Inst, 12 Tri #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
3102A BELDEN-3102A Datasheet
167Kb / 2P
300V, (1 triad) 12 AWG (7x20) BC, PVC/PVC, Foil Shld, PLTC
08-09-2023
1493A BELDEN-1493A Datasheet
162Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3037A BELDEN-3037A Datasheet
164Kb / 2P
300V, (16 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG
08-10-2023
3050A BELDEN-3050A Datasheet
221Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31P1608 BELDEN-31P1608 Datasheet
145Kb / 2P
300V, (8 pr) 16 AWG (7x24) BC, PVC/PVC, IS/OS Foil Shld, PLTC/ITC, CMG
04-08-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com