|
characteristic
Support multiple USB ports at the same time
1 USB A port output
1 USB B port input
1 USB C port input output
Fast charging specifications
Any port supports fast charging
Integrated QC2.0/QC3.0 output fast charging protocol
Integrated FCP input and output fast charging protocol
Integrated AFC input and output fast charging protocol
Integrated SFCP output fast charging protocol
Integrated MTK PE+ 1.1&2.0 output fast charging protocol
Integrated USB C DRP protocol, supports input and output fast charging
Compatible with BC1.2, Apple and Samsung mobile phone fast charging
Integrated USB Power Delivery PD2.0/PD3.0) protocol
Support PD2.0 bidirectional input and output protocol
Support PD 3.0 input and output
Supports 5V 9V 12V voltage range input
Supports 5V 9V 12V voltage range output
Integrated hardware bidirectional mark coding and decoding (BMC) protocol
Integrated physical layer protocol (PHY
Integrated hardware CRC
Support Hard Reset
Charging specifications
Battery end charging current can reach up to 5 0 A
Adaptive charging current adjustment
Supports 4.20V, 4.35V, 4.40V, 4.50V batteries
Discharge specifications
Output current capability:
5V
3.1A 9V 2.0A 12V 1.5A
Synchronous switch discharge 5V 2A efficiency reaches more than 9 5
Support line compensation
Battery display
Built-in 14bit ADC and fuel gauge
Supports 1 / 2 / 3 / 4 LED power display
Intelligent recognition of the number of LED battery indicator lights
Adjustable battery power curve, more uniform display lights
Other functions
Automatically detect when the phone is plugged in and out
Fast charging status indicator
Intelligent identification of load, automatic enter standby under light load
Support buttons
Built-in lighting driver
Multiple protections and high reliability
Input overvoltage and undervoltage protection
Output over-current, over-voltage and short-circuit protection
Battery overcharge, over-discharge, and over-current protection
IC over-temperature protection
Charge and discharge battery temperature NTC protection
ESD 4KV input (including CC pin) withstand voltage 2 5 V
BOM minimalist
Built-in switching power MOS
Single inductor realizes charging and discharging functions
In-depth customization
I2C interface, flexible and low-cost customized solutions
Package specification: 5 mm × 5 mm 0.5pitch QFN 32
Overview
IP5332
It is an integrated QC2.0/QC3.0, FCP/AFC input and output
Output fast charging protocol, SFCP output fast charging protocol, MTK PE+ 1.1&2.0 output
Fast charging protocol, USB C PD2.0/PD3.0 input and output protocol, USB C
PD3.0 output protocol, compatible with BC1.2 Apple and Samsung mobile phones, synchronous step-up and step-down
Converter, lithium battery charging management, battery power indicator and other multi-functional power tubes
Manage SOC to provide a complete power solution for fast charging mobile power. Can be the same
It supports three USB ports: USB A, USB B, USB C, which can be used individually.
Any USB port can support fast charging, when using two output ports at the same time
Only supports 5V.
IP5332
With high integration and rich functions, only one inductor is needed to reduce
voltage and boost functions, only a few peripheral components are needed during application, effectively reducing the overall
The size of the overall solution reduces the BOM cost.
IP5332
Synchronized switching boost system provides maximum output capability of 18W
Even when the battery voltage is low, the output of 18W can still maintain an efficiency of more than 90%.
When no-load, it automatically enters sleep state.
IP5332
Synchronized switching charging system, providing up to 50 A charging current.
Built-in IC temperature, battery temperature and input voltage control loop, intelligently adjust charging
electrical current.
IP5332
Built-in USB C & PD 3.0 protocols.
IP5332
Built-in 14bit ADC, accurately measures battery voltage and current, can
Access ADC data via I2C. IP5332 has a built-in power calculation method that can accurately
Get battery level information. Customizable battery power curve to accurately display battery
power.
IP5332
Supports 1/2/3/4 LED power display, intelligent identification of power
Display mode; supports lighting function; supports buttons.
Customizable features:
Charging and discharging at the same time, PD15V output, for wearable devices
Charging and other functions.
Application products
Mobile power supply, power bank
Mobile phones, tablets and other portable devices
|