Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5389 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5389 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5389
Download  IP5389 Download
File Size   2173.19 Kbytes
Page   32 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC

IP5389 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5389 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5389
Download  IP5389 Click to download

File Size   2173.19 Kbytes
Page   32 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC

IP5389 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5389 Product details

characteristic
 Support multiple USB ports at the same time
 2 USB A port outputs
 1 USB C port input/output
 1 USB B port or Lightning port input or C port input/output
out
 Fast charging specifications
 Any port supports fast charging
 Integrated QC2.0/QC3.0/QC3+ output fast charging protocol
 Integrated FCP input/output fast charging protocol
 Integrated AFC input/output fast charging protocol
 Integrated SCP input/output fast charging protocol
 Integrated VOOC input/output fast charging protocol
 Integrated DRP try.SRC protocol, PD3.0 input/output fast charging
 Compatible with BC1.2, Apple mobile phone fast charging
 Integrated USB Power Delivery PD2.0/PD3.0) protocol
Support PD2.0 bidirectional input/output protocol
 Support PD3.0 bidirectional input/output, PPS output protocol
Support 5V 9V 12V 15V 20V voltage range input
Support 5V 9V 12V 15V 20V voltage range output
Support PPS 20mV/step output voltage level
 Integrated hardware bidirectional mark coding and decoding (BMC) protocol
 Integrated physical layer protocol (PHY
Integrated hardware CRC
Support Hard Reset
 Integrated recognition and support for E-MARK cables
 Integrated power control
 Integrated bidirectional BUCK-BOOST power NMOS driver
 Integrated charge-pump control external path NMOS
 Charging specifications
 Adaptive charging current adjustment
Support 3.65V, 4.15V, 4.2V, 4.3V, 4.35V, 4.4V
Battery
Supports 2/3/4/5 cells in series
Supports lithium iron phosphate battery 3.65V charging
 Discharge specifications
 Maximum output power 100W
 Synchronous switch discharge 5V 2A efficiency reaches over 97%
Support line compensation
 Battery display
 Built-in 14bit ADC and fuel gauge
Supports 4 LED power display
Supports 88, 188 and other digital tube power display
Supports external PIN to select digital tube or LED light for power display
 Self-learning fuel gauge with more even power display
 Initial battery capacity PIN selection configuration
 Other functions
 Automatically detect when the phone is plugged in and out
 Fast charging status indicator
Support battery temperature detection
 Intelligent identification of load, automatic enter standby under light load

Supports multiple button mode selections
 Built-in lighting driver
 Multiple protections and high reliability
 Input overvoltage and undervoltage protection
 Output over-current, over-voltage and short-circuit protection
 Battery overcharge, over-discharge, and over-current protection
 IC over-temperature protection
 Charging and discharging battery temperature NTC protection
 ESD 4KV, input (including CC/DP/DM pin) withstand voltage 30V
 BOM minimalist
 Built-in switching power MOS driver
 Single inductor realizes charging and discharging functions
 Package specifications: 8mm × 8mm 0.4pitch QFN64
Overview
IP5389 is an integrated QC2.0/QC3.0/QC3+ output fast charging protocol.
AFC/FCP/ SCP/ VOOC input and output fast charging protocol, USB C PD2.0/PD3.0 input and output protocol, USB C PD3.0 PPS output protocol, compatible with BC1.2/Apple
Mobile phones, synchronous bidirectional buck-boost converters, lithium battery charge management, battery power
Indication and other multi-functional power management SOC provides a complete solution for fast charging mobile power.
Power solutions. Can simultaneously support USB A x2 USB C USB B (or
Lightning port, or USBC) four USB ports, any USB port can support fast charging when used alone. When using two or more output ports at the same time, only
5V.
IP5389’s high integration and rich functions require only one inductor to achieve bidirectional
The buck-boost function requires only a few peripheral components during application, effectively reducing the overall
The size of the solution reduces the BOM cost.
IP5389 supports 2/3/4/5 cells in series, synchronous switching boost and buck system
Can provide maximum 100W power input and output. When no load, automatically enters sleep state
state.
IP5389's synchronous switching charging system provides up to 8.0A charging current.
Built-in IC temperature, battery temperature and input voltage control loop, intelligently adjust charging
current.
IP5389 has a built-in 14bit ADC to accurately measure battery voltage and current. IP5389 has a built-in power calculation method that can accurately obtain battery power information. Customizable battery
power curve to accurately display battery power.
IP5389 supports 4 LED power display and supports various numbers such as 88 and 188.
Code tube power display; supports lighting function; supports buttons.
Application products
 Mobile power supply, power bank
 Mobile phones, tablets and other portable devices




Similar Part No. - IP5389

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5389 INJOINIC-IP5389 Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
IP5389 INJOINIC-IP5389 Datasheet
1Mb / 32P
integrated buck-boost driver
V1.01
IP5389H INJOINIC-IP5389H Datasheet
1Mb / 38P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting All Fast Charging Protocol Such As UFCS, 3 Typec PD3.0, Supporting 2~6 Series Batteries And Supporting Maximum Power 100W
V1.10
IP5389_AACC INJOINIC-IP5389_AACC Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
IP5389_BZ INJOINIC-IP5389_BZ Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
More results


Similar Description - IP5389

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5312 INJOINIC-IP5312 Datasheet
1Mb / 17P
3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
IP5318 INJOINIC-IP5318 Datasheet
1Mb / 27P
4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Shenzhen Huazhimei Semi...
HM5905 HMSEMI-HM5905 Datasheet
1Mb / 8P
1.5A charging high integrated mobile power SOC
HM5918B HMSEMI-HM5918B Datasheet
2Mb / 11P
1.5 A charging 2 A discharging Highly integrated mobile power SOC
HM5918 HMSEMI-HM5918 Datasheet
2Mb / 12P
2.5A charging 2 A discharging Highly integrated mobile power SOC
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5356 INJOINIC-IP5356 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5506 INJOINIC-IP5506 Datasheet
1Mb / 16P
2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
V1.0 2018
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com