Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH16374 Datasheet (PDF) - ON Semiconductor

74VCXH16374 Datasheet PDF - ON Semiconductor
Part # 74VCXH16374
Download  74VCXH16374 Download
File Size   247.04 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)

74VCXH16374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCXH16374 Datasheet PDF - ON Semiconductor

Part # 74VCXH16374
Download  74VCXH16374 Click to download

File Size   247.04 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)

74VCXH16374 Datasheet (HTML) - ON Semiconductor


74VCXH16374 Product details

Low−Voltage 1.8/2.5/3.3V 16−Bit D−Type Flip−Flop With 3.6 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)

The 74VCXH16374 is an advanced performance, non−inverting 16−bit D−type flip−flop. It is designed for very high−speed, very low−power operation in 1.8 V, 2.5 V or 3.3 V systems. The VCXH16374 is byte controlled, with each byte functioning identically, but independently. Each byte has separate Output Enable and Clock Pulse inputs. These control pins can be tied together for full 16−bit operation.

Features
• Designed for Low Voltage Operation: VCC = 1.65 V − 3.6 V
• 3.6 V Tolerant Inputs and Outputs
• High Speed Operation:
    3.0 ns max for 3.0 V to 3.6V
    3.9 ns max for 2.3 V to 2.7V
    7.8 ns max for 1.65 V to 1.95V
• Static Drive:
    ±24 mA Drive at 3.0 V
    ±18 mA Drive at 2.3 V
    ±6 mA Drive at 1.65 V
• Supports Live Insertion and Withdrawal
• Includes Active Bushold to Hold Unused or Floating Inputs at a Valid Logic State
• IOFF Specification Guarantees High Impedance When VCC = 0 V*
• Near Zero Static Supply Current in All Three Logic States (20 A)
    Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±250 mA @ 125°C
• ESD Performance:
    Human Body Model >2000 V
    Machine Model >200 V
• All Devices in Package TSSOP are Inherently Pb−Free**




Similar Part No. - 74VCXH16374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
logo
Fairchild Semiconductor
74VCXH16374GX FAIRCHILD-74VCXH16374GX Datasheet
174Kb / 11P
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74VCXH16374MTD FAIRCHILD-74VCXH16374MTD Datasheet
174Kb / 11P
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74VCXH16374TTR STMICROELECTRONICS-74VCXH16374TTR Datasheet
285Kb / 12P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
More results


Similar Description - 74VCXH16374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX374 STMICROELECTRONICS-74LCX374 Datasheet
74Kb / 10P
OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-1999
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
logo
ON Semiconductor
74VCX16245 ONSEMI-74VCX16245 Datasheet
94Kb / 8P
Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
02-Aug-2011
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
29-Jul-2011
logo
ON Semiconductor
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com