Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16374 Datasheet (PDF) - ON Semiconductor

74ALVCH16374 Datasheet PDF - ON Semiconductor
Part # 74ALVCH16374
Download  74ALVCH16374 Download
File Size   275.08 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop

74ALVCH16374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16374 Datasheet PDF - ON Semiconductor

Part # 74ALVCH16374
Download  74ALVCH16374 Click to download

File Size   275.08 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop

74ALVCH16374 Datasheet (HTML) - ON Semiconductor


74ALVCH16374 Product details

The 74ALVCH16374 is an advanced performance, non−inverting 16−bit D−type flip−flop. It is designed for very high−speed, very low−power operation in 1.8 V, 2.5 V or 3.3 V systems. The VCXH16374 is byte controlled, with each byte functioning identically, but independently. Each byte has separate Output Enable and Clock Pulse inputs. These control pins can be tied together for full 16−bit operation.

• Designed for Low Voltage Operation: VCC = 1.65 − 3.6 V
• 3.6 V Tolerant Inputs and Outputs
• High Speed Operation: 3.6 ns max for 3.0 to 3.6 V
   4.5 ns max for 2.3 to 2.7 V
   7.8 ns max for 1.65 to 1.95 V
• Static Drive: ±24 mA Drive at 3.0 V
  ±12 mA Drive at 2.3 V
  ±4 mA Drive at 1.65 V
• Supports Live Insertion and Withdrawal
• Includes Active Bushold to Hold Unused or Floating Inputs at a Valid Logic State
• IOFF Specification Guarantees High Impedance When VCC = 0 V†
• Near Zero Static Supply Current in All Three Logic States (40㎂) Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±250 mA @ 125°C
• ESD Performance: Human Body Model >2000V; Machine Model >200V
• Second Source to Industry Standard 74ALVCH16374




Similar Part No. - 74ALVCH16374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
logo
Fairchild Semiconductor
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74ALVCH16374 STMICROELECTRONICS-74ALVCH16374 Datasheet
281Kb / 11P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
More results


Similar Description - 74ALVCH16374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
74VCXH16374 ONSEMI-74VCXH16374 Datasheet
247Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com