Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16244 Datasheet (PDF) - ON Semiconductor

74ALVCH16244 Datasheet PDF - ON Semiconductor
Part # 74ALVCH16244
Download  74ALVCH16244 Download
File Size   268.43 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 16?묪it Buffer

74ALVCH16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16244 Datasheet PDF - ON Semiconductor

Part # 74ALVCH16244
Download  74ALVCH16244 Click to download

File Size   268.43 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 16?묪it Buffer

74ALVCH16244 Datasheet (HTML) - ON Semiconductor


74ALVCH16244 Product details

Low−Voltage 16−Bit Buffer with Bus Hold 1.8/2.5/3.3 V
(3−State, Non−Inverting)

The 74ALVCH16244 is an advanced performance, non−inverting 16−bit buffer. It is designed for very high−speed, very low−power operation in 1.8 V, 2.5 V or 3.3 V systems.
The 74ALVCH16244 is nibble controlled with each nibble functioning identically, but independently. The control pins may be tied together to obtain full 16−bit operation. The 3−state outputs are controlled by an Output Enable (OEn) input for each nibble. When OEn is LOW, the outputs are on. When OEn is HIGH, the outputs are in the high impedance state. The data inputs include active bushold circuitry, eliminating the need for external pull−up resistors to hold unused or floating inputs at a valid logic state.

• Designed for Low Voltage Operation: VCC = 1.65 − 3.6 V
• 3.6 V Tolerant Inputs and Outputs
• High Speed Operation:
   3.0 ns max for 3.0 to 3.6 V
   3.7 ns max for 2.3 to 2.7 V
   6.0 ns max for 1.65 to 1.95 V
• Static Drive:
   ±24 mA Drive at 3.0 V
   ±12 mA Drive at 2.3 V
   ±4 mA Drive at 1.65 V
• Supports Live Insertion and Withdrawal
• Includes Active Bushold to Hold Unused or Floating Inputs at a Valid Logic State
• IOFF Specification Guarantees High Impedance When VCC = 0 V†
• Near Zero Static Supply Current in All Three Logic States (40 μA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±250 mA @ 125°C
• ESD Performance: Human Body Model >2000V; Machine Model >200V
• Second Source to Industry Standard 74ALVCH16244




Similar Part No. - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16244 PHILIPS-74ALVCH16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
STMicroelectronics
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
logo
Integrated Device Techn...
74ALVCH16244BF IDT-74ALVCH16244BF Datasheet
106Kb / 7P
3.3V CMOS 32-BIT BUFFER/ DRIVER
74ALVCH16244BFG IDT-74ALVCH16244BFG Datasheet
106Kb / 7P
3.3V CMOS 32-BIT BUFFER/ DRIVER
More results


Similar Description - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com