Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20H100CTG Datasheet (PDF) - ON Semiconductor

MBRF20H100CTG Datasheet PDF - ON Semiconductor
Part # MBRF20H100CTG
Download  MBRF20H100CTG Download
File Size   130.58 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE Power Rectifier 100 V, 20 A

MBRF20H100CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF20H100CTG Datasheet PDF - ON Semiconductor

Part # MBRF20H100CTG
Download  MBRF20H100CTG Click to download

File Size   130.58 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE Power Rectifier 100 V, 20 A

MBRF20H100CTG Datasheet (HTML) - ON Semiconductor


MBRF20H100CTG Product details

SWITCHMODE™ Power Rectifier 100 V, 20 A



Features and Benefits

• Low Forward Voltage: 0.64 V @ 125°C

• Low Power Loss/High Efficiency

• High Surge Capacity

• 175°C Operating Junction Temperature

• 20 A Total (10 A Per Diode Leg)

• Guard−Ring for Stress Protection

• Pb−Free Packages are Available



Applications

• Power Supply − Output Rectification

• Power Management

• Instrumentation



 




Similar Part No. - MBRF20H100CTG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF20H100CTG KERSEMI-MBRF20H100CTG Datasheet
487Kb / 7P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS
logo
ON Semiconductor
MBRF20H100CTG ONSEMI-MBRF20H100CTG Datasheet
122Kb / 9P
Switch-mode Power Rectifier
January, 2015 ??Rev. 12
More results


Similar Description - MBRF20H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
73Kb / 6P
SWITCHMODE Power Rectifier 100 V, 60 A
June, 2005 ??Rev. 0
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
65Kb / 6P
SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
MBR41H100CT ONSEMI-MBR41H100CT_07 Datasheet
81Kb / 8P
SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBR20L80CT ONSEMI-MBR20L80CT Datasheet
123Kb / 7P
SWITCHMODE??Power Rectifier 80 V, 20 A
January, 2009 ??Rev. 1
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com