Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20H100CTG Datasheet (PDF) - ON Semiconductor

MBRF20H100CTG Datasheet PDF - ON Semiconductor
Part # MBRF20H100CTG
Download  MBRF20H100CTG Download
File Size   122.88 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier

MBRF20H100CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF20H100CTG Datasheet PDF - ON Semiconductor

Part # MBRF20H100CTG
Download  MBRF20H100CTG Click to download

File Size   122.88 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier

MBRF20H100CTG Datasheet (HTML) - ON Semiconductor


MBRF20H100CTG Product details

SWITCHMODE™ Power Rectifier 100 V, 20 A



Features and Benefits

• Low Forward Voltage: 0.64 V @ 125°C

• Low Power Loss/High Efficiency

• High Surge Capacity

• 175°C Operating Junction Temperature

• 20 A Total (10 A Per Diode Leg)

• Guard−Ring for Stress Protection

• Pb−Free Packages are Available



Applications

• Power Supply − Output Rectification

• Power Management

• Instrumentation



 




Similar Part No. - MBRF20H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20H100CTG ONSEMI-MBRF20H100CTG Datasheet
130Kb / 7P
SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
logo
Kersemi Electronic Co.,...
MBRF20H100CTG KERSEMI-MBRF20H100CTG Datasheet
487Kb / 7P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS
More results


Similar Description - MBRF20H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
Switch Mode Power Rectifier
January, 2015 ??Rev. 5
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
Switch-mode Power Rectifier
August, 2020 - Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com