Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8112 Datasheet (PDF) - MPS Industries, Inc.

MPQ8112 Datasheet PDF - MPS Industries, Inc.
Part # MPQ8112
Download  MPQ8112 Download
File Size   1055.35 Kbytes
Page   17 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 60V, High-Side Current-Sense Amplifier,AEC-Q100 Qualified

MPQ8112 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ8112 Datasheet PDF - MPS Industries, Inc.

Part # MPQ8112
Download  MPQ8112 Click to download

File Size   1055.35 Kbytes
Page   17 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 60V, High-Side Current-Sense Amplifier,AEC-Q100 Qualified

MPQ8112 Datasheet (HTML) - MPS Industries, Inc.


MPQ8112 Product details

DESCRIPTION
The MPQ8112 and MPQ8112A are low-cost,
unipolar, high-side current-sense amplifiers.
The devices operate from a 2.7V to 60V supply
and typically consume a 300μA current. They
are ideal for today’s automotive systems,
industrial supplies, and systems where
battery/DC current monitoring is critical.
High-side current monitoring is especially useful
in battery-powered systems, since it does not
interfere with the ground path of the battery
charger. The common mode input ranges
between 0V and 60V with a 700kHz high
bandwidth. That makes these devices suitable
for use in inside control and short-circuit
protection loops.
The MPQ8112 directly converts a differential
input voltage to a voltage output with built-in
internal common input resistors and a load
resistor. The MPQ8112 has a 50V/V gain.
The MPQ8112A converts the differential input
voltage to a current output. This current is
converted back to a voltage with an external
load resistor. The MPQ8112A has an
adjustable gain based on the external common
input resistors and load resistor.
Both the MPQ8112 and MPQ8112A are
available in TSOT23-6L packages.

FEATURES
 Low-Cost, Compact Current-Sense Solution
 700kHz Bandwidth
 300μA Typical Supply Current
 2.7V to 60V Operating Supply Voltage
 0V to 60V Common Mode Input Range
 0.2μA Typical Shutdown Current
 300μV Input Offset Voltage
 Available with Fixed 50V/V Gain
(MPQ8112), or Adjustable Gain
(MPQ8112A)
 ±1% Current-Sense Gain Accuracy
 High-Current Sensing Capabilities
 Available in a 6-Lead TSOT23 Package
 Available in AEC-Q100 Grade 1

APPLICATIONS
 Advanced Driver Assistance Systems
(ADAS)
 Sensor Fusion Systems
 Electric Power Steering (EPS) Systems
 Electronic Stability Control (ESC) Systems
 Brake Systems
 Battery-Operated Systems
 Energy Management Systems




Similar Part No. - MPQ8112

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8039 MPS-MPQ8039 Datasheet
491Kb / 11P
High Current Power Half Bridge AEC-Q100 Qualified
MPQ8039GN MPS-MPQ8039GN Datasheet
491Kb / 11P
High Current Power Half Bridge AEC-Q100 Qualified
MPQ8039GN-AEC1 MPS-MPQ8039GN-AEC1 Datasheet
491Kb / 11P
High Current Power Half Bridge AEC-Q100 Qualified
MPQ8612 MPS-MPQ8612 Datasheet
826Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-12 MPS-MPQ8612-12 Datasheet
776Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
More results


Similar Description - MPQ8112

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
AEC Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com