Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8112 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MPQ8112
Description  60V, High-Side Current-Sense Amplifier,AEC-Q100 Qualified
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ8112 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MPQ8112 Datasheet HTML 1Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 2Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 3Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 4Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 5Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 6Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 7Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 8Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MPQ8112/MPQ8112A
– 60V, HIGH-SIDE, CURRENT-SENSE AMPLIFIER
MPQ8112/MPQ8112A Rev. 1.0
www.MonolithicPower.com
2
7/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATIONS
VCC
RG1
RG2
OUT
GND
V5
MPQ8112
RSENSE
ISENSE
To Load
0V
VCM
VCC
2.7V To 60V
VOUT
VOUT = 50 x ISENSE x RSENSE
Figure 1: MPQ8112 (Voltage Output)
VCC
RG1
RG2
OUT
GND
V5
MPQ8112A
RSENSE
ISENSE
To Load
2.7V To 60V
ROUT
IOUT
VOUT = ISENSE x RSENSE / RG1 x GM x ROUT
0V
VCM
VCC
Figure 2: MPQ8112A (Current Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com