Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL09622AS Datasheet (PDF) - Transko Electronics, Inc.

TL09622AS Datasheet PDF - Transko Electronics, Inc.
Part # TL09622AS
Download  TL09622AS Download
File Size   583.72 Kbytes
Page   4 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description 96.00 MHz IF SAW Bandpass Filter / 22.0 MHz Bandwidth

TL09622AS Datasheet (PDF)

Go To PDF Page Download Datasheet
TL09622AS Datasheet PDF - Transko Electronics, Inc.

Part # TL09622AS
Download  TL09622AS Click to download

File Size   583.72 Kbytes
Page   4 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description 96.00 MHz IF SAW Bandpass Filter / 22.0 MHz Bandwidth

TL09622AS Datasheet (HTML) - Transko Electronics, Inc.




Similar Part No. - TL09622AS

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL09029AV TRANSKO-TL09029AV Datasheet
528Kb / 4P
90.0 MHz IF SAW Filter / 29.17 MHz Bandwidth
Revision 0: 19 Nov. 2008
TL09047AV TRANSKO-TL09047AV Datasheet
619Kb / 4P
90.0 MHz IF SAW Filter / 47.20 MHz Bandwidth
Revision 0: 07 Oct. 2011
logo
Texas Instruments
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Transko Electronics, In...
TL09106AV TRANSKO-TL09106AV Datasheet
604Kb / 4P
91.50 MHz IF SAW Filter / 6.41 MHz Bandwidth
Revision 0: 30 Jan. 2012
logo
Texas Instruments
TL091C TI-TL091C Datasheet
350Kb / 4P
JFET INPUT OPERATIONAL AMPLIFIERS
More results


Similar Description - TL09622AS

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
160 MHz SAW Bandpass Filter 4 MHz bandwidth
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
250 MHz SAW Bandpass Filter 80 MHz bandwidth
Rev X5
logo
RF Monolithics, Inc
SF1200B RFM-SF1200B Datasheet
267Kb / 5P
96.00 MHz SAW Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF1200B MURATA-SF1200B Datasheet
268Kb / 5P
96.00 MHz SAW Filter
logo
Transko Electronics, In...
TL110AS TRANSKO-TL110AS Datasheet
659Kb / 4P
110.00 MHz IF SAW Bandpass Filter
Revision 3: 21 May 2008
TL110BS TRANSKO-TL110BS Datasheet
616Kb / 4P
110.5920 MHz IF SAW Bandpass Filter
Revision 1: 06 Jan. 2012
TL110CS TRANSKO-TL110CS Datasheet
650Kb / 4P
110.5920 MHz IF SAW Bandpass Filter
Revision 1: 08 Feb. 2012
TL120AM1 TRANSKO-TL120AM1 Datasheet
391Kb / 3P
120.00 MHz IF SAW Bandpass Filter
Revision 0:
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com