Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1605823 Datasheet (PDF) - PHOENIX CONTACT

1605823 Datasheet PDF - PHOENIX CONTACT
Part # 1605823
Download  1605823 Download
File Size   624.06 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-5ES1N8AY000 - Device connector, front mounting with knurled nut

1605823 Datasheet (PDF)

Go To PDF Page Download Datasheet
1605823 Datasheet PDF - PHOENIX CONTACT

Part # 1605823
Download  1605823 Click to download

File Size   624.06 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-5ES1N8AY000 - Device connector, front mounting with knurled nut

1605823 Datasheet (HTML) - PHOENIX CONTACT


1605823 Product details

Device connector, front mounting with knurled nut, straight, Screw locking mechanism, M40,
number of positions: 2+3+PE, contact connection type: Socket, Axial O-ring, 4x Ø4,2, shielded:
yes, flange dimensions: 40 mm x 40 mm, degree of protection: IP67, cable diameter range: 0
mm ... 0 mm, number of positions: 6, connection method: Crimp connection, series: SM,
Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.:
1241998




Similar Part No. - 1605823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605824 PHOENIX-1605824 Datasheet
72Kb / 4P
Pin/socket, panel feed-through - SM-7EE1N8AS000
1605825 PHOENIX-1605825 Datasheet
72Kb / 4P
Pin/socket, panel feed-through - SM-7EE1N8ASA00
1605826 PHOENIX-1605826 Datasheet
64Kb / 3P
Coupler connector - SM-7EP1N8A9003
11/22/13
1605829 PHOENIX-1605829 Datasheet
39Kb / 1P
Coupler connector - SM-7EP1N8A9L04
11/22/13
More results


Similar Description - 1605823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605846 PHOENIX-1605846 Datasheet
57Kb / 2P
Device connector, front mounting - SM-7EPWN8AAD00
11/22/13
1605848 PHOENIX-1605848 Datasheet
40Kb / 1P
Device connector, front mounting - SM-7EPWN8AAF00
11/22/13
1613517 PHOENIX-1613517 Datasheet
682Kb / 18P
SM-5EPWN8AWT00 - Device connector front mounting
1605622 PHOENIX-1605622 Datasheet
692Kb / 17P
SF-7ES1N8AY000 - Device connector, front mounting with knurled nut
1605865 PHOENIX-1605865 Datasheet
624Kb / 14P
SM-7ES1N8AY000 - Device connector, front mounting with knurled nut
1607082 PHOENIX-1607082 Datasheet
623Kb / 15P
SF-5ES1N8AY000 - Device connector, front mounting with knurled nut
1607532 PHOENIX-1607532 Datasheet
610Kb / 14P
SM-5ES1N8AYW00 - Device connector, front mounting with knurled nut
1613525 PHOENIX-1613525 Datasheet
615Kb / 15P
SM-5ES1N8AYW00S - Device connector, front mounting with knurled nut
1607931 PHOENIX-1607931 Datasheet
646Kb / 17P
SM-7EPWN8AAD00S - Device connector front mounting
1613524 PHOENIX-1613524 Datasheet
618Kb / 15P
SM-5ES1N8AY000S - Device connector, front mounting with knurled nut
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com