| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTHD4102P
|
69Kb / 6P |
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4 |
|
NTHS4101P
|
63Kb / 6P |
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1 |
|
NTHD4102P
|
64Kb / 6P |
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5 |
|
NTHD4401P
|
75Kb / 6P |
Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4 |
|
NTHD5903T1
|
68Kb / 6P |
Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4 |
|
NTHS4101P
|
59Kb / 6P |
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3 |
|
NTHD2110T
|
94Kb / 7P |
Power MOSFET -12 V, -6.4 A, Single P-Channel TVS, ChipFET??Package
March, 2008 - Rev. 0 |
|
NTHS4166N
|
90Kb / 6P |
Power MOSFET 30 V, 8.2 A, Single N-Channel, ChipFET Package
December, 2007 - Rev. 0 |
|
NTHS4501N
|
65Kb / 6P |
Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4 |
|
NTLJS4D9N03H
|
337Kb / 7P |
MOSFET - Power, Single N-Channel, WDFN6 30 V, 6.1 m, 15.9 A
May, 2020-Rev. P3 |