| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTHD4502N
|
60Kb / 6P |
Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4 |
|
NTHD5904N
|
65Kb / 6P |
Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2 |
|
NTHS4101P
|
59Kb / 6P |
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3 |
|
NTHS4111P
|
193Kb / 6P |
Power MOSFET -30 V, -6.1 A, Single P-Channel, ChipFET
August, 2006 ??Rev. 2 |
|
NTHD2110T
|
94Kb / 7P |
Power MOSFET -12 V, -6.4 A, Single P-Channel TVS, ChipFET??Package
March, 2008 - Rev. 0 |
|
NTHS4501N
|
65Kb / 6P |
Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4 |
|
NTLUS020N03C
|
205Kb / 8P |
MOSFET ??Power, Single, N-Channel, Cool, UDFN6, 1.6x1.6x0.55 mm 30 V, 13 m, 8.2 A
May, 2019 ??Rev. 2 |
|
NVTYS002N03CL
|
343Kb / 8P |
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0 |
|
NVTYS003N03CL
|
344Kb / 8P |
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0 |
|
NVTYS004N03CL
|
343Kb / 8P |
MOSFET - Power, Single, N-Channel 30 V, 85 A
May, 2021 - Rev. 0 |