Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1075950 Datasheet (PDF) - Panasonic Semiconductor

1075950 Datasheet PDF - Panasonic Semiconductor
Part # 1075950
Download  1075950 Download
File Size   167.8 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Slim (7.2mm .283inch), 1 Form A 5A power relay

1075950 Datasheet (PDF)

Go To PDF Page Download Datasheet
1075950 Datasheet PDF - Panasonic Semiconductor

Part # 1075950
Download  1075950 Click to download

File Size   167.8 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Slim (7.2mm .283inch), 1 Form A 5A power relay

1075950 Datasheet (HTML) - Panasonic Semiconductor


1075950 Product details

FEATURES
1. Nominal switching capacity:
5A 277V AC
2. Excellent heat resistance and
tracking performance
EN60695 (GWT2-11, GWFI2-12, GWIT2-13) data
available
(Please consult us for details.)
3. Slim type: 20.5 (L) × 7.2 (W) × 15.3
(H) mm .807 (L) × .283 (W) × .602 (H)
inch
4. Class “B” and “F” coil is available
5. Contact rating at 105°C 221°F is
approved by UL/C-UL and VDE
(Class “F” coil only)
6. Clearance and Creepage distance
between contact and coil min. 6 mm
.236 inch
7. High surge voltage: 10,000 V
between contact and coil
TYPICAL APPLICATIONS
• Boilers
• Air conditioner
• Refrigerator
• Hot water units
• Microwave ovens
• Fan heaters




Similar Part No. - 1075950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10759 ETC2-10759 Datasheet
132Kb / 1P
30MM LED OPTIC ELLIPTICAL BEAM
logo
Heyco.
10759 HEYCO-10759 Datasheet
123Kb / 1P
Nylon PCB Supports - Threaded Male
logo
SICK AG
1075975 SICK-1075975 Datasheet
669Kb / 9P
IMAGE-BASED CODE READERS
More results


Similar Description - 1075950

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
2 Form A slim power relay
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
fujitsu semiconductor
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
1a 5A slim power relay for interface
logo
fujitsu semiconductor
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
REED RELAY, 1 FORM A
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
Slim 2 Form A Miniature PC Board Relay
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
1a 5A slim power relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com